Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 29Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 30Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 31Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 32Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 33Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 34Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 35Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 36Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Brooktree®
27
L261_H
INTERNAL REGISTERS
Status Register
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Table 3. Bt261 Suggested Register Settings
Pixel Clock Rate
NTSC(M)
12.2 MHz
dec hex
PAL (B, G, I)
14.75 MHz
dec
hex
Line Rate
63.556
µs
64.0
µs
(HCOUNT)
Number of pixels minus 1
(Noise Gate)
(HSYNC)
Negative polarity, 4.7
µs wide
(CLAMP)
One may CLAMP on burst
back porch or sync tip
(ZERO)
(Field Gate)
(VSYNC)
This gives FIELD = 0, 1 for
field one and two, respectively
Start 7
µs
Stop 61.76
µs
Start 4.7
µs
Stop 0
µs
Start 8.5
µs
Stop 9
µs
Start 8.5
µs
Stop 8.75
µs
Start 15
µs
Stop 45
µs
8
µs
779
88
758
59
0
107
113
107
110
189
566
98
30B
58
2F6
3B
0
6B
71
6B
6E
BD
236
62
943
104
917
70
0
126
134
126
130
223
668
118
3AF
68
395
46
0
7E
86
7E
82
DF
29C
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com