Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 44Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 45Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 46Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 47Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 48Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 49Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 50Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 51Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Brooktree®
42
PARAMETRIC INFORMATION
DC Electrical Parameters
L261_H
Table 7. DC Characteristics
(1 of 2)
Parameter
Symbol
Min
Typ
Max
Units
TTL Digital Inputs
Input High Voltage
Input High Voltage (1)
HSYNC Pin
Input Low Voltage
Input Low Voltage (1)
RD* Pin
Input High Current (Vin = 2.4 V)
Input Low Current (Vin = 0.4 V)
Input Low Current (Vin = 0.4 V)
VIDEO Pin
Input Capacitance
(f = 1 MHz, Vin = 2.4 V)
VIH
VIH
VIL
VIL
IIH
IIL
IIL
CIN
2.0
2.2
GND–0.5
7
VCC + 0.5
VCC + 0.5
0.8
0.4
1
–1
–1.5
V
V
V
V
µA
µA
mA
pF
OSC Digital Inputs
TTL Mode
Input High Voltage (1)
Input Low Voltage
Input High Current (Vin = 2.4 V)
Input Low Current (Vin = 0.4 V)
Input Capacitance
(f = 1 MHz, Vin = 2.4 V)
ECL Mode
Input High Voltage
Input Low Voltage
Input High Current (Vin = 4.0 V)
Input Low Current (Vin = 0.4 V)
Input Capacitance
(f = 1 MHz, Vin = 2.4 V)
VIH
VIL
IIH
IIL
CIN
VIH
VIL
IIH
IIL
CIN
2.2
GND–0.5
VCC–1.0
GND–0.5
7
7
VCC + 0.5
0.8
1
–1
VCC + 0.5
VCC–1.6
1
–1
V
V
µA
µA
pF
V
V
µA
µA
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com