Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 18Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 19Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 20Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 21Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 22Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 23Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 24Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 25Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
Brooktree®
16
CIRCUIT DESCRIPTION
Asynchronous (Unlocked) Pixel Clock Generation
L261_H
Asynchronous (Unlocked) Pixel Clock Generation
Four oscillator clock inputs are provided (OSC), selectable by the MPU, config-
urable as either TTL or differential ECL inputs (designed to be driven by 10KH
ECL using a single +5 V supply).
The selected OSC input is divided down to the desired pixel clock rate and duty
cycle. The pixel clock low and high times are programmable by the MPU (as a
function of OSC clock cycles) via the OSC count low and high registers. Note that
both the rising and falling edge of the OSC inputs are used when specifying the
OSC count (for example, values of 2 for the OSC count low and high registers will
divide the OSC clock symmetrically by two).
The generated pixel clock is synchronized to the falling edge of the noise-gated
CSYNC* each scan line. Each time a horizontal sync is detected on the VIDEO in-
put, the CLOCK output is resynchronized by the OSC clock so that the beginning
of a pixel clock cycle and the falling edge of the noise-gated CSYNC* are coinci-
dent (see Figure 7) within one half the period of the OSC input. While there is
some sampling jitter on CLOCK associated with the falling edge of CSYNC*, the
residual jitter in the remaining line interval is strictly a function of the OSC clock
source jitter, symmetry, and amplitude/slew rate jitter, at the OSC input. Differen-
tial OSC signals of fast edges will minimize the latter contribution.
There are three ways of controlling the horizontal counter, as determined by
command bit CR07 and CR06.
CR07 and CR06 are (0,1): if a falling edge of the noise-gated CSYNC* does
not occur before the number of pixel clock cycles specified by HCOUNT, the hor-
izontal counter stops at the HCOUNT value and is held there until the next falling
edge of the noise-gated CSYNC*, at which time it is reset to zero. CLOCK stops
in the high state at the HCOUNT value, until the next falling edge of the noise-gat-
ed CSYNC*.
Figure 6. PLL Performance Can Be Monitored Using SR05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com