Electronic Components Datasheet Search
  English  ▼

X  

BT261 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 45Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 46Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 47Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 48Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 49Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 50Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 51Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 52Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Brooktree®
43
PARAMETRIC INFORMATION
DC Electrical Parameters
L261_H
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
D0?–D7 Digital Outputs
Output High Voltage (IOH = –400
µA)
Output Low Voltage (IOL = 6.4 mA)
3-state Current
Output Capacitance
VOH
VOL
IOZ
COUT
2.4
20
0.4
0.5
V
V
µA
pF
PCOUT Output
Output High Voltage (IOH = –400
µA)
Output Low Voltage (IOL = 3.2 mA)
3-state Current
Output Capacitance
VOH
VOL
IOZ
COUT
2.4
20
0.4
400
V
V
µA
pF
Other Digital Outputs
Output High Voltage (IOH = –400
µA)
Output Low Voltage (IOL = 3.2 mA)
3-State Current
Output Capacitance
VOH
VOL
IOZ
COUT
2.4
20
0.4
0.5
V
V
µA
pF
Notes: (1). VIH, VIL for RD*, HSYNC, and OSC inputs are tested at 3 and 0 V but guaranteed by characterization.
2. Test conditions (unless otherwise specified):"Recommended Operating Conditions." Typical values are based
on nominal temperature, i.e., room, and nominal voltage, i.e., 5 V.
Table 7. DC Characteristics (2 of 2)
Parameter
Symbol
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com