Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 126Page - Renesas Technology Corp M37151 Datasheet HTML 127Page - Renesas Technology Corp M37151 Datasheet HTML 128Page - Renesas Technology Corp M37151 Datasheet HTML 129Page - Renesas Technology Corp M37151 Datasheet HTML 130Page - Renesas Technology Corp M37151 Datasheet HTML 131Page - Renesas Technology Corp M37151 Datasheet HTML 132Page - Renesas Technology Corp M37151 Datasheet HTML 133Page - Renesas Technology Corp M37151 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
129
Rev. 1.0
Address 00FA16
b7 b6 b5 b4 b3 b2 b1 b0
I2C clock control register (S2) [Address 00FA16]
I2C Clock Control Register
0
to
4
SCL frequency control
bits
(CCR0 to CCR4)
7
5
6
SCL mode
specification bit
(FAST MODE)
0: Standard clock mode
1: High-speed clock mode
0
Standard
clock
mode
Functions
Name
After reset
RW
B
0
0
0
ACK bit
(ACK BIT)
ACK clock bit
(ACK)
0: ACK is returned.
1: ACK is not returned.
0: No ACK clock
1: ACK clock
High speed
clock mode
Setup disabled
Setup disabled
00 to 02
Setup disabled
333
03
Setup disabled
250
04
100
400 (See note)
05
83.3
166
06
500/CCR value 1000/CCR value
17.2
34.5
1D
16.6
33.3
1E
16.1
32.3
1F
(
φ = 4 MHz, unit : kHz)
Note. At 400kHz in the high-speed clock mode, the duty is as below.
“0” period : “1” period = 3 : 2
In the other cases, the duty is as below.
“0” period : “1” period = 1 : 1
Setup value
of CCR4–
CCR0
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com