Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 128Page - Renesas Technology Corp M37151 Datasheet HTML 129Page - Renesas Technology Corp M37151 Datasheet HTML 130Page - Renesas Technology Corp M37151 Datasheet HTML 131Page - Renesas Technology Corp M37151 Datasheet HTML 132Page - Renesas Technology Corp M37151 Datasheet HTML 133Page - Renesas Technology Corp M37151 Datasheet HTML 134Page - Renesas Technology Corp M37151 Datasheet HTML 135Page - Renesas Technology Corp M37151 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
MITSUBISHI MICROCOMPUTERS
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
131
Rev. 1.0
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 2 (IREQ2) [Address 00FD16]
After reset RW
Interrupt Request Register 2
0
B
INT1 external interrupt
Name
Functions
request bit (IN1R)
0 : No interrupt request issued
1 : Interrupt request issued
1
Data slicer interrupt
request bit (DSR)
2
Serial I/O interrupt
request bit (SIR)
3
4
INT2 external interrupt
request bit (IN2R)
5
7
Fix this bit to “0.”
0
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0
✽: “0” can be set by software, but “1” cannot be set.
0
0
✽
0
0
✽
0
✽
0
✽
0 : No interrupt request issued
1 : Interrupt request issued
R
R
R
R ✽
R
R ✽
RW
f(XIN)/4096 interrupt
request bit (CKR)
0 : No interrupt request issued
1 : Interrupt request issued
Multi-master I
2C-BUS
interrupt request bit (IICR)
0 : No interrupt request issued
1 : Interrupt request issued
6 Timer 5 • 6 interrupt
request bit (TM56R)
0 : No interrupt request issued
1 : Interrupt request issued
0
✽
R
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt control register 1 (ICON1) [Address 00FE16]
B
Name
After reset
Functions
RW
Interrupt Control Register 1
0
Timer 1 interrupt
enable bit (TM1E)
0 : Interrupt disabled
1 : Interrupt enabled
1
Timer 2 interrupt
enable bit (TM2E)
2
Timer 3 interrupt
enable bit (TM3E)
3
4
OSD interrupt enable bit
(OSDE)
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0
0
0
0
0
0
RW
RW
RW
RW
RW
R —
7
Nothing is assigned. This bit is a write disable
bit. When this bit is read out, the value is “0.”
Timer 4 interrupt
enable bit (TM4E)
0 : Interrupt disabled
1 : Interrupt enabled
5
VSYNC interrupt enable
bit (VSCE)
0 : Interrupt disabled
1 : Interrupt enabled
0
RW
6
INT3 external interrupt
enable bit (IN3E)
0 : Interrupt disabled
1 : Interrupt enabled
0
RW
Address 00FD16
Address 00FE16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com