Electronic Components Datasheet Search
  English  ▼

X  

M37151 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 131Page - Renesas Technology Corp M37151 Datasheet HTML 132Page - Renesas Technology Corp M37151 Datasheet HTML 133Page - Renesas Technology Corp M37151 Datasheet HTML 134Page - Renesas Technology Corp M37151 Datasheet HTML 135Page - Renesas Technology Corp M37151 Datasheet HTML 136Page - Renesas Technology Corp M37151 Datasheet HTML 137Page - Renesas Technology Corp M37151 Datasheet HTML 138Page - Renesas Technology Corp M37151 Datasheet HTML 139Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 135 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
134
Rev. 1.0
Address 021016
Clock frequency set register(CFS) [Address 021016]
Clock frequency set register
0 to
7
b7 b6 b5 b4 b3 b2 b1 b0
Clock frequency bit
(CFS 0 to 7)
0E
Clock frequency (Note)
Setting value(Limitation)
Frequency(MHz)
0C
26
0D
28
Name
B
Functions
After reset R W
R W
Note: Do not set other than the values shown above to CFS.
Then, must to use at f(XIN) = 8 MHz.
Address 021116
6
7
b7 b6 b5 b4 b3 b2 b1 b0
0W
R
0W
R
0W
R
0W
R
2
010
0
0
1
0
0
3 to
5
0W
R
Fix this bit to "0"
Fix this bit to "1"
Fix this bit to "1"
Fix these bits to "0"
Fix these bits to "0"
Clock control register 2 (CC2) [Address 021116]
Name
B
Functions
After reset R W
0,1
Clock control register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com