Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 116 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 112Page - ATMEL Corporation AT91 Datasheet HTML 113Page - ATMEL Corporation AT91 Datasheet HTML 114Page - ATMEL Corporation AT91 Datasheet HTML 115Page - ATMEL Corporation AT91 Datasheet HTML 116Page - ATMEL Corporation AT91 Datasheet HTML 117Page - ATMEL Corporation AT91 Datasheet HTML 118Page - ATMEL Corporation AT91 Datasheet HTML 119Page - ATMEL Corporation AT91 Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 153 page
background image
116
AT91X40 Series
1354D–ATARM–08/02
• PARE: Parity Error (Code Label US_PARE)
1 = At least one parity bit has been detected false (or a parity bit high in Multi-drop Mode) since the last “Reset Status Bits”
command.
0 = No parity bit has been detected false (or a parity bit high in Multi-drop Mode) since the last “Reset Status Bits”
command.
• TIMEOUT: Receiver Time-out (Code Label US_TIMEOUT)
0 = There has not been a time-out since the last “Start Time-out” command or the Time-out Register is 0.
1 = There has been a time-out since the last “Start Time-out” command.
• TXEMPTY: Transmitter Empty (Code Label US_TXEMPTY)
0 = There are characters in either US_THR or the Transmit Shift Register or a Break is being transmitted.
1 = There are no characters in US_THR and the Transmit Shift Register and Break is not active.
Equal to zero when the USART is disabled or at reset. Transmitter Enable command (in US_CR) sets this bit to one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com