Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 117 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 113Page - ATMEL Corporation AT91 Datasheet HTML 114Page - ATMEL Corporation AT91 Datasheet HTML 115Page - ATMEL Corporation AT91 Datasheet HTML 116Page - ATMEL Corporation AT91 Datasheet HTML 117Page - ATMEL Corporation AT91 Datasheet HTML 118Page - ATMEL Corporation AT91 Datasheet HTML 119Page - ATMEL Corporation AT91 Datasheet HTML 120Page - ATMEL Corporation AT91 Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 153 page
background image
117
AT91X40 Series
1354D–ATARM–08/02
USART Receiver Holding Register
Name:
US_RHR
Access Type:Read Only
Reset Value:0
Offset:
0x18
• RXCHR: Received Character
Last character received if RXRDY is set. When number of data bits is less than 8 bits, the bits are right-aligned.
All non-significant bits read zero.
USART Transmitter Holding Register
Name:US_THR
Access Type:Write Only
Offset:0x1C
• TXCHR: Character to be Transmitted
Next character to be transmitted after the current character if TXRDY is not set. When number of data bits is less than 8
bits, the bits are right-aligned.
31
30
29
28
27
26
25
24
––
–––
––
–
23
22
21
20
19
18
17
16
––
–––
––
–
15
14
13
12
11
10
9
8
––
–––
––
–
76
54
32
10
RXCHR
31
30
29
28
27
26
25
24
––
–––
––
–
23
22
21
20
19
18
17
16
––
–––
––
–
15
14
13
12
11
10
9
8
––
–––
––
–
76
54
32
10
TXCHR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com