Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 120 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 116Page - ATMEL Corporation AT91 Datasheet HTML 117Page - ATMEL Corporation AT91 Datasheet HTML 118Page - ATMEL Corporation AT91 Datasheet HTML 119Page - ATMEL Corporation AT91 Datasheet HTML 120Page - ATMEL Corporation AT91 Datasheet HTML 121Page - ATMEL Corporation AT91 Datasheet HTML 122Page - ATMEL Corporation AT91 Datasheet HTML 123Page - ATMEL Corporation AT91 Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 153 page
background image
120
AT91X40 Series
1354D–ATARM–08/02
USART Receive Pointer Register
Name:US_RPR
Access Type:Read/Write
Reset Value:0
Offset:
0x30
• RXPTR: Receive Pointer
RXPTR must be loaded with the address of the receive buffer.
USART Receive Counter Register
Name:
US_RCR
Access Type:Read/Write
Reset Value:0
Offset:0x34
• RXCTR: Receive Counter
RXCTR must be loaded with the size of the receive buffer.
0: Stop Peripheral Data Transfer dedicated to the receiver.
1 - 65535: Start Peripheral Data transfer if RXRDY is active.
31
30
29
28
27
26
25
24
RXPTR
23
22
21
20
19
18
17
16
RXPTR
15
14
13
12
11
10
9
8
RXPTR
76
54
32
10
RXPTR
31
30
29
28
27
26
25
24
––
–––
––
–
23
22
21
4920
19
18
17
16
––
–––
––
–
15
14
13
12
11
10
9
8
RXCTR
76
54
32
10
RXCTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com