Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 124 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 120Page - ATMEL Corporation AT91 Datasheet HTML 121Page - ATMEL Corporation AT91 Datasheet HTML 122Page - ATMEL Corporation AT91 Datasheet HTML 123Page - ATMEL Corporation AT91 Datasheet HTML 124Page - ATMEL Corporation AT91 Datasheet HTML 125Page - ATMEL Corporation AT91 Datasheet HTML 126Page - ATMEL Corporation AT91 Datasheet HTML 127Page - ATMEL Corporation AT91 Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 153 page
background image
124
AT91X40 Series
1354D–ATARM–08/02
The selected clock can be inverted with the CLKI bit in TC_CMR (Channel Mode). This
allows counting on the opposite edges of the clock.
The burst function allows the clock to be validated when an external signal is high. The
BURST parameter in the Mode Register defines this signal (none, XC0, XC1, XC2).
Note:
In all cases, if an external clock is used, the duration of each of its levels must be longer
than the system clock (MCK) period. The external clock frequency must be at least 2.5
times lower than the system clock (MCK).
Figure 44. Clock Selection
Clock Control
The clock of each counter can be controlled in two different ways: it can be enabled/dis-
abled and started/stopped.
•
The clock can be enabled or disabled by the user with the CLKEN and the CLKDIS
commands in the Control Register. In Capture Mode it can be disabled by an RB
load event if LDBDIS is set to 1 in TC_CMR. In Waveform Mode, it can be disabled
by an RC Compare event if CPCDIS is set to 1 in TC_CMR. When disabled, the
start or the stop actions have no effect: only a CLKEN command in the Control
Register can re-enable the clock. When the clock is enabled, the CLKSTA bit is set
in the Status Register.
•
The clock can also be started or stopped: a trigger (software, synchro, external or
compare) always starts the clock. The clock can be stopped by an RB load event in
Capture Mode (LDBSTOP = 1 in TC_CMR) or a RC compare event in Waveform
Mode (CPCSTOP = 1 in TC_CMR). The start and the stop commands have effect
only if the clock is enabled.
MCK/2
MCK/8
MCK/32
MCK/128
MCK/1024
XC0
XC1
XC2
CLKS
CLKI
BURST
1
Selected
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com