Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 28 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 24Page - Analog Devices ADPL76030 Datasheet HTML 25Page - Analog Devices ADPL76030 Datasheet HTML 26Page - Analog Devices ADPL76030 Datasheet HTML 27Page - Analog Devices ADPL76030 Datasheet HTML 28Page - Analog Devices ADPL76030 Datasheet HTML 29Page - Analog Devices ADPL76030 Datasheet HTML 30Page - Analog Devices ADPL76030 Datasheet HTML 31Page - Analog Devices ADPL76030 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
28 of 40
RSENSE(BOOST) =
2
× 50 mV × VIN(MAX)
2
× IOUT(MAX) × VOUT + ∆IL(BOOST) × VIN(MIN)
The maximum current sense RSENSE in the buck region is:
RSENSE(BUCK) =
2
× 50 mV
2
× IOUT(MAX) + ∆IL(BUCK)
The final RSENSE value should be lower than the calculated RSENSE in both the buck and boost regions. A 20% to 30%
margin is usually recommended. Always choose a low ESL current-sense resistor.
Power MOSFET Selection
The ADPL76030 requires four external N-channel power MOSFETs, two for the top switches (switches A and D in
Figure 35) and two for the bottom switches (switches B and C in Figure 35). Important parameters for the power
MOSFETs are the breakdown voltage VBR(DSS), threshold voltage VGS(TH), on-resistance RDS(ON), reverse transfer
capacitance CRSS, and maximum current IDS(MAX).
To achieve 1.4 MHz operation, the power MOSFET selection is critical. With typical 25 ns shoot-through protection
deadtime, high performance power MOSFETs with low Qg and low RDS(ON) must be used.
Since the gate drive voltage is set by the 5 V INTVCC supply, logic-level threshold MOSFETs must be used in ADPL76030
applications. Switching four MOSFETs at higher frequency like 1.4 MHz, the substantial gate charge current from
INTVCC can be estimated as:
IINTVCC = f × (QgA + QgB + QgC + QgD)
where:
f is the switching frequency.
QgA, QgB, QgC, QgD are the total gate charges of MOSFETs A, B, C, D.
Make sure the total required INTVCC current does not exceed the INTVCC current limit in the data sheet. Typically,
MOSFETs with less than 10 nC Qg are recommended. The ADPL76030 uses the VIN/VOUT ratio to transition between
modes and regions. Bigger IR drop in the power path caused by improper MOSFET and inductor selection may
prevent the ADPL76030 from smooth transition. To ensure smooth transitions between buck, buck-boost, and boost
modes of operation, choose low RDS(ON)MOSFETs and low DCR inductor to satisfy:
IOUT(MAX) ≤
0.025
× VOUT
RA,B + RC,D + RSENSE + RL
where:
RA,B is the maximum RDS(ON) of MOSFETs A or B at 25°C.
RC,D is the maximum RDS(ON) of MOSFETs C or D at 25°C.
RLis the maximum DCR resistor of inductor at 25°C.
The RDS(ON) and DCR increase at higher junction temperatures and the process variations are included in the
calculation above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com