Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 24 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 20Page - Analog Devices ADPL76030 Datasheet HTML 21Page - Analog Devices ADPL76030 Datasheet HTML 22Page - Analog Devices ADPL76030 Datasheet HTML 23Page - Analog Devices ADPL76030 Datasheet HTML 24Page - Analog Devices ADPL76030 Datasheet HTML 25Page - Analog Devices ADPL76030 Datasheet HTML 26Page - Analog Devices ADPL76030 Datasheet HTML 27Page - Analog Devices ADPL76030 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
24 of 40
During the UP/RUN state, the switching is enabled and the start-up of the output voltage VOUT is controlled by the
voltage on the SS pin. When the SS pin voltage is less than 1 V, the ADPL76030 regulates the FB pin voltage to the SS
pin voltage instead of the 1 V reference. This allows the SS pin to be used to program soft-start by connecting an
external capacitor from the SS pin to GND. The internal 12.5 µA pull-up current charges up the capacitor, creating a
voltage ramp on the SS pin. As the SS pin voltage rises linearly from 0.25 V to 1 V (and beyond), the output voltage
VOUT rises smoothly to its final regulation voltage.
Once the SS pin is charged above 1.75 V, the ADPL76030 enters the OK/RUN state, where the output short detection
is activated. The output short means VFB < 0.25 V. When the output short happens, the ADPL76030 enters the FAULT/
RUN state, where a 1.25 µA pull-down current slowly discharges the SS pin with the other conditions the same as the
OK/RUN state. Once the SS pin is discharged below 1.7 V, the ADPL76030 enters the DOWN/STOP state, where the
switching is disabled, and the short detection is deactivated with the previous fault latched. Once the SS pin is
discharged below 0.2 V and the LOADON signal is still high, the ADPL76030 goes back to the UP/RUN state.
In an output short condition, the ADPL76030 can be set to hiccup, latch-off, or keep-running fault protection mode
with a resistor between the SS and VREF pins. Without any resistor, the ADPL76030 hiccups between 0.2 V and 1.75 V,
and goes around the UP/RUN, OK/RUN, FAULT/RUN, and DOWN/STOP states until the fault condition is cleared. With
a 499 kΩ resistor, the ADPL76030 latches off until the EN/UVLO is toggled. With a 100 kΩ resistor, the ADPL76030
keeps running regardless of the fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com