Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 31 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 27Page - Analog Devices ADPL76030 Datasheet HTML 28Page - Analog Devices ADPL76030 Datasheet HTML 29Page - Analog Devices ADPL76030 Datasheet HTML 30Page - Analog Devices ADPL76030 Datasheet HTML 31Page - Analog Devices ADPL76030 Datasheet HTML 32Page - Analog Devices ADPL76030 Datasheet HTML 33Page - Analog Devices ADPL76030 Datasheet HTML 34Page - Analog Devices ADPL76030 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
31 of 40
∆VCAP(BUCK) =
VOUT × (1 −
VOUT
VIN(AX)
)
8
× L × f
2 × C
OUT
The maximum steady ripple due to the voltage drop across the ESR is given by:
∆VESR(BOOST) =
VOUT × IOUT(MAX)
VIN(MIN)
× ESR
∆VESR(BUCK) =
VOUT × (1 −
VOUT
VIN(MAX)
)
L
× f
× ESR
INTV
CC Regulator
An internal P-channel low dropout regulator produces 5 V at the INTVCC pin from the VIN supply pin. The INTVCC powers
the internal circuitry and gate drivers in the ADPL76030. The INTVCC regulator can supply an average current of 145
mA and must be bypassed to ground with a minimum of 4.7 µF ceramic capacitor. Good local bypass is necessary to
supply the high transient current required by MOSFET gate drivers.
Higher input voltage applications with large MOSFETs being driven at higher switching frequencies may cause the
maximum junction temperature rating for the ADPL76030 to be exceeded. The system supply current is normally
dominated by the gate charge current. Additional external loading of the INTVCC also needs to be taken into account
for the power dissipation calculation. The total ADPL76030 power dissipation in this case is VIN × IINTVCC, and overall
efficiency is lowered. The junction temperature can be estimated using the equation:
TJ= TA+ PD× θJA
where, θJA (in °C/W) is the package thermal resistance.
To prevent maximum junction temperature from being exceeded, the input supply current must be checked
operating in the continuous mode at maximum VIN.
Top Gate MOSFET Driver Supply (C
BST1, CBST2)
The top MOSFET drivers, TG1 and TG2, are driven between their respective SW and BST pin voltages. The boost
voltages are biased from floating bootstrap capacitors CBST1 and CBST2, which are normally recharged through both
the external and internal bootstrap diodes when the respective top MOSFET is turned off. External bootstrap diodes
are recommended because the internal bootstrap diodes are not always strong enough to refresh top MOSFETs at
1.4 MHz. Both capacitors are charged to the same voltage as the INTVCC voltage. The bootstrap capacitors CBST1 and
CBST2 need to store about 100 times the gate charge required by the top switches A and D. In most applications, a 0.1
µF to 0.47 µF, X5R or X7R dielectric capacitor is adequate.
Programming V
IN UVLO
A resistor divider from VIN to the EN/UVLO pin implements VIN undervoltage lockout (UVLO). The EN/UVLO enable
falling threshold is set at 1.220 V. In addition, the EN/UVLO pin sinks 2.5 µA when the voltage on the pin is below 1.220
V. This current provides user programmable hysteresis based on the value of R1. The programmable UVLO thresholds
are:
VIN(ULVO+) = 1.233 V ×
R1 + R2
R2
+ 2.5 μA × R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com