Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 36 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 32Page - Analog Devices ADPL76030 Datasheet HTML 33Page - Analog Devices ADPL76030 Datasheet HTML 34Page - Analog Devices ADPL76030 Datasheet HTML 35Page - Analog Devices ADPL76030 Datasheet HTML 36Page - Analog Devices ADPL76030 Datasheet HTML 37Page - Analog Devices ADPL76030 Datasheet HTML 38Page - Analog Devices ADPL76030 Datasheet HTML 39Page - Analog Devices ADPL76030 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
36 of 40
PC Board Layout Checklist
The basic PC board layout requires a dedicated ground plane layer. Also, for high current, a multilayer board provides
heat sinking for power components.
The ground plane layer should not have any traces and it should be as close as possible to the layer with power
MOSFETs.
Place CIN, switch A, switch B, and DB in one compact area. Place COUT, switch C, switch D, and DD in one compact
area.
Use immediate vias to connect the components to the ground plane. Use several large vias for each power
component.
Use planes for VIN and VOUT to maintain good voltage filtering and keep power losses low.
Flood all unused areas on all layers with copper. Flooding with copper reduces the temperature rise of power
components. Connect the copper areas to any DC net (VIN or GND).
Separate the signal and power grounds. All small-signal components should return to the exposed GND pad from
the bottom, which is then tied to the power GND close to the sources of switch B and switch C.
Place switch A and switch C as close to the controller as possible, keeping the PGND, BG, and SW traces short.
Keep the high dV/dT SW1, SW2, BST1, BST2, TG1, and TG2 nodes away from sensitive small-signal nodes.
The path formed by switch A, switch B, DB, and the CIN capacitor should have short leads and PCB trace lengths.
The path formed by switch C, switch D, DD, and the COUT capacitor also should have short leads and PCB trace
lengths.
The output capacitor (–) terminals should be connected as close as possible to the (–) terminals of the input
capacitor.
Connect the top driver bootstrap capacitor CBST1 closely to the BST1 and SW1 pins. Connect the top driver
bootstrap capacitor CBST2 closely to the BST2 and SW2 pins.
Connect the input capacitors CIN and output capacitors COUT closely to the power MOSFETs. These capacitors carry
the MOSFET AC current.
Route LSP and LSN traces together with minimum PCB trace spacing. Avoid sense lines pass through noisy areas,
such as switch nodes. The filter capacitor between LSP and LSN should be as close as possible to the IC. Ensure
accurate current sensing with Kelvin connections at the RSENSE resistor. Low ESL sense resistor is recommended.
Connect the VC pin compensation network close to the IC, between VC and the signal ground. The capacitor helps
to filter the effects of PCB noise and output voltage ripple voltage from the compensation loop.
Connect the INTVCC bypass capacitor, CINTVCC, close to the IC, between the INTVCC and power ground. This
capacitor carries the MOSFET drivers’ current peaks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com