Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 13Page - Analog Devices ADPL76030 Datasheet HTML 14Page - Analog Devices ADPL76030 Datasheet HTML 15Page - Analog Devices ADPL76030 Datasheet HTML 16Page - Analog Devices ADPL76030 Datasheet HTML 17Page - Analog Devices ADPL76030 Datasheet HTML 18Page - Analog Devices ADPL76030 Datasheet HTML 19Page - Analog Devices ADPL76030 Datasheet HTML 20Page - Analog Devices ADPL76030 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
17 of 40
Figure 23. V(ISP-ISN) Regulation vs. VCTRL
Figure 24. V(ISP-ISN) Regulation vs. VISP
Figure 25. V(ISP-ISN) Regulation vs. Temperature
Figure 26. V(ISP-ISN) Regulation vs. VFB
Figure 27. FB Regulation vs. Temperature
Figure 28. Maximum Current Sense vs. Temperature
VCTRL (V)
0
25
50
75
100
125
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
VISP (V)
94
102
104
100
98
96
106
0
10
20
30
40
50
60
TEMPERATURE (°C)
94
102
104
100
98
96
106
ISP = 55V
ISP = 12V
ISP = 0V
–50
50
–25
25
75
100
125
0
VFB (V)
0
80
100
60
40
20
120
0.98
0.99
1.00
1.01
1.02
TEMPERATURE (°C)
0.97
1.01
1.02
1.00
0.99
0.98
1.03
VIN = 55V
VIN = 12V
VIN = 4V
–50
50
–25
25
75
100
125
0
TEMPERATURE (°C)
30
60
65
55
50
45
40
35
70
BOOST
BUCK
–50
50
–25
25
75
100
125
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com