Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 26 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 22Page - Analog Devices ADPL76030 Datasheet HTML 23Page - Analog Devices ADPL76030 Datasheet HTML 24Page - Analog Devices ADPL76030 Datasheet HTML 25Page - Analog Devices ADPL76030 Datasheet HTML 26Page - Analog Devices ADPL76030 Datasheet HTML 27Page - Analog Devices ADPL76030 Datasheet HTML 28Page - Analog Devices ADPL76030 Datasheet HTML 29Page - Analog Devices ADPL76030 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
26 of 40
Figure 43. Average Conducted EM
Figure 44. Peak Conducted EMI
Frequency Synchronization
The ADPL76030 switching frequency can be synchronized to an external clock using the SYNC/SPRD pin. Driving the
SYNC/SPRD with a 50% duty cycle waveform is always a good choice. Otherwise, maintain the duty cycle between
10% and 90%. Due to the use of a phase-locked loop (PLL) inside, there is no restriction between the synchronization
frequency and internal oscillator frequency. The rising edge of the synchronization clock represents the beginning
of a switching cycle, turning on switches A and C, or switches A and D.
Inductor Selection
The switching frequency and inductor selection are interrelated in that higher switching frequencies allow the use of
smaller inductor and capacitor values. The inductor value has a direct effect on ripple current. The highest current
ripple ∆IL% happens in the buck region at VIN(MAX), and the lowest current ripple ∆IL% happens in the boost region at
VIN(MIN). For any given ripple allowance set by customers, the minimum inductance can be calculated as:
LBUCK >
VOUT × (VIN(MAX) − VOUT)
f × IOUT(MAX) × ∆IL% × VIN(MAX)
LBOOST >
VIN(MIN)
2 × (V
OUT − VIN(MIN))
f × IOUT(MAX) × ∆IL% × VOUT
2
FREQUENCY (MHz)
0.1
1
10
SSFM ON WITH EMI FILTER
NOISE FLOOR
CISPER 25 CLASS 5 PEAK LIMITS
LW
MW
SW
CB
80
90
70
60
50
40
30
20
10
0
–10
FREQUENCY (MHz)
80
90
70
60
50
40
30
20
10
0
–10
0.1
1
10
SSFM ON WITH EMI FILTER
NOISE FLOOR
CISPER 25 CLASS 5 PEAK LIMITS
LW
MW
SW
CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com