Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 11Page - Analog Devices ADPL76030 Datasheet HTML 12Page - Analog Devices ADPL76030 Datasheet HTML 13Page - Analog Devices ADPL76030 Datasheet HTML 14Page - Analog Devices ADPL76030 Datasheet HTML 15Page - Analog Devices ADPL76030 Datasheet HTML 16Page - Analog Devices ADPL76030 Datasheet HTML 17Page - Analog Devices ADPL76030 Datasheet HTML 18Page - Analog Devices ADPL76030 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
15 of 40
Figure 11. VOUT vs. IOUT (CV/CC)
Figure 12. VINShutdown Current
Figure 13. VIN Quiescent Current
Figure 14. INTVCCVoltage vs. Temperature
Figure 15. INTVCCVoltage vs. VIN
Figure 16. INTVCC UVLO Threshold
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
2
4
6
8
10
12
14
TEMPERATURE (°C)
0
2.5
2.0
1.5
1.0
0.5
3.0
VIN = 55V
VIN = 12V
VIN = 4V
–50
50
–25
25
75
100
125
0
TEMPERATURE (°C)
1.8
2.6
2.4
2.2
2.0
2.8
VIN = 55V
VIN = 12V
VIN = 4V
–50
50
–25
25
75
100
125
0
TEMPERATURE (°C)
4.85
5.10
5.05
5.00
4.95
4.90
5.15
IINTVCC = 0mA
IINTVCC = 80mA
–50
50
–25
25
75
100
125
0
VIN (V)
4.85
5.10
5.05
5.00
4.95
4.90
5.15
IINTVCC = 20mA
0
60
50
40
30
20
10
TEMPERATURE (°C)
3.2
3.8
3.9
3.7
3.5
3.6
3.4
3.3
4.0
RISING
FALLING
–50
50
–25
25
75
100
125
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com