Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 23 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 19Page - Analog Devices ADPL76030 Datasheet HTML 20Page - Analog Devices ADPL76030 Datasheet HTML 21Page - Analog Devices ADPL76030 Datasheet HTML 22Page - Analog Devices ADPL76030 Datasheet HTML 23Page - Analog Devices ADPL76030 Datasheet HTML 24Page - Analog Devices ADPL76030 Datasheet HTML 25Page - Analog Devices ADPL76030 Datasheet HTML 26Page - Analog Devices ADPL76030 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
23 of 40
Shutdown and Power-On-Reset
The ADPL76030 enters shutdown mode and drains less than 2 µA quiescent current when the EN/UVLO pin is below
its shutdown threshold (0.3 V minimum). Once the EN/UVLO pin is above its shutdown threshold (1 V maximum), the
ADPL76030 wakes up start-up circuitry, generates bandgap reference, and powers up the internal INTVCC LDO. The
INTVCC LDO supplies the internal control circuitry and gate drivers. Now the ADPL76030 enters undervoltage lockout
(UVLO) mode with a hysteresis current (2.5 µA typical) pulled into the EN/UVLO pin. When the INTVCC pin is charged
above its rising UVLO threshold (3.78 V typical), the EN/UVLO pin passes its rising enable threshold (1.233 V typical),
and the junction temperature is less than its thermal shutdown (165°C typical), the ADPL76030 enters enable mode,
in which the EN/UVLO hysteresis current is turned off and the voltage reference VREF is charged up from ground. From
the time of entering enable mode to the time of VREF passing its rising UVLO threshold (1.89 V typical), the ADPL76030
is going through a power-on-reset (POR), waking up the entire internal control circuitry and settling to the right initial
conditions.
Start-Up and Fault Protection
Figure 42 shows the start-up and fault sequence for the ADPL76030. During the POR state, the SS pin is hard pulled
down with a 100 Ω to ground. In a pre-biased condition, the SS pin must be pulled below 0.2 V to enter the INIT state,
where the ADPL76030 waits 10 µs so that the SS pin can be fully discharged to ground. After the 10 µs, the ADPL76030
enters the UP/PRE state. The LOADON high signal happens when the CTRL pin is above its rising latch-off thresholds
(0.325 V typical).
Figure 42. Start-Up and Fault Sequence
During the UP/PRE state, the SS pin is charged up by a 12.5 µA pull-up current while the switching is disabled. Once
the SS pin is charged above 0.25 V, the ADPL76030 enters the UP/TRY state, while the switching is still disabled. If an
excessive current flowing through the current-sense resistor triggers the ISP/ISN over current (ISOC) signal, it resets
the ADPL76030 back into the POR state. After 10 µs in the UP/TRY state without triggering the ISOC signal, the
ADPL76030 enters the UP/RUN state.
POR
• SS HARD PULL DOWN
• SWITCHING DISABLED
• NO SHORT DETECTION
INIT
• SS HARD PULL DOWN
• SWITCHING DISABLED
• NO SHORT DETECTION
POR = HI OR
ISOC = HI
SS < 0.2V
UP/TRY
• SS 12.5µA PULL UP
• SWITCHING DISABLED
• NO SHORT DETECTION
UP/PRE
• SS 12.5µA PULL UP
• SWITCHING DISABLED
• NO SHORT DETECTION
WAIT 10µs AND
LOADON = HI
SS > 0.25V
UP/RUN
• SS 12.5µA PULL UP
• SWITCHING ENABLED
• NO SHORT DETECTION
OK/RUN
• SS 12.5µA PULL UP
• SWITCHING ENABLED
• SHORT DETECTION
WAIT 10µs
SS > 1.75V
DOWN/STOP
• SS 1.25µA PULL DOWN
• SWITCHING DISABLED
• NO SHORT DETECTION
FAULT/RUN
• SS 1.25µA PULL DOWN
• SWITCHING ENABLED
• SHORT DETECTION
SS < 0.2V AND
LOADON = HI
SHORT
SS < 1.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com