Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 3Page - Analog Devices ADPL76030 Datasheet HTML 4Page - Analog Devices ADPL76030 Datasheet HTML 5Page - Analog Devices ADPL76030 Datasheet HTML 6Page - Analog Devices ADPL76030 Datasheet HTML 7Page - Analog Devices ADPL76030 Datasheet HTML 8Page - Analog Devices ADPL76030 Datasheet HTML 9Page - Analog Devices ADPL76030 Datasheet HTML 10Page - Analog Devices ADPL76030 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
7 of 40
(Specifications are at TA = 25°C (Note 2). VIN = 12 V, VEN/UVLO = 1.5 V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
SS Fault Latch-Off
Threshold
1.7
V
SS Fault Reset
Threshold
0.2
V
Oscillator
Switching Frequency
VSYNC/SPRD = 0 V, RT = 226 kΩ
685
kHz
VSYNC/SPRD = 0 V, RT = 97.6 kΩ
1400
SYNC Frequency
600
1400
kHz
SYNC/SPRD Input Bias
Current
VSYNC/SPRD = 5 V
−
0.1
0
0.1
µA
SYNC/SPRD Threshold
Voltage
0.4
1.5
V
Highest Spread
Spectrum Above
Oscillator Frequency
VSYNC/SPRD = 5 V
21
23
25
%
NMOS Drivers
TG1, TG2 Gate Driver
On-Resistance
Gate Pull-Up
V(BST-SW) = 5 V
2.6
Ω
TG1, TG2 Gate Driver
On-Resistance
Gate Pull-Down
V(BST-SW) = 5 V
1.4
Ω
BG1, BG2 Gate Driver
On-Resistance
Gate Pull-Up
VINTVCC= 5 V
3.2
Ω
BG1, BG2 Gate Driver
On-Resistance
Gate Pull-Down
VINTVCC = 5 V
1.2
Ω
.
1
The ADPL76030 is specified over the −40°C to 125°C operating junction temperature range. High junction
temperatures degrade operating lifetimes. Note the maximum ambient temperature consistent with these



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com