Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 1 Page - Analog Devices

  ADPL76030 Datasheet HTML 1Page - Analog Devices ADPL76030 Datasheet HTML 2Page - Analog Devices ADPL76030 Datasheet HTML 3Page - Analog Devices ADPL76030 Datasheet HTML 4Page - Analog Devices ADPL76030 Datasheet HTML 5Page - Analog Devices ADPL76030 Datasheet HTML 6Page - Analog Devices ADPL76030 Datasheet HTML 7Page - Analog Devices ADPL76030 Datasheet HTML 8Page - Analog Devices ADPL76030 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Data Sheet
ADPL76030
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev.0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2023 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
4-Switch Single Inductor Architecture Allows VIN
Above, Below, or Equal to VOUT
Up to 95% Efficiency at 1.4 MHz
Proprietary Peak-Buck, Peak-Boost Current-
Mode
Wide VINRange: 4 V to 55 V
±2% Output Voltage Accuracy: 1 V ≤ VOUT ≤ 55 V
±3% Input or Output Current Accuracy with
Monitor
Spread Spectrum Frequency Modulation for Low
EMI
No Top MOSFET Refresh Noise in Buck or Boost
Adjustable and Synchronizable: 600 kHz to 1.4 MHz
VOUT Disconnected from VIN During Shutdown
APPLICATIONS
Automotive, Industrial, Telecom Systems
High Frequency, Battery-Powered System
GENERAL DESCRIPTION
The ADPL76030 is a synchronous 4-switch buck-boost
DC/DC controller that regulates output voltage, and
input or output current from an input voltage above,
below, or equal to the output voltage. The proprietary
peak-buck, peak-boost current-mode control scheme
allows adjustable and synchronizable 600 kHz to 1.4
MHz fixed frequency operation, or internal 25% triangle
spread spectrum frequency modulation for low EMI.
With a 4 V to 55 V input voltage range, 0 V to 55 V output
voltage capability, and seamless low noise transitions
between operation regions, the ADPL76030 is ideal for
voltage regulators, and battery and supercapacitor
charger applications in automotive, industrial, telecom,
and even battery-powered systems.
The ADPL76030 provides input or output current
monitor and power good flag. Fault protection is also
provided to detect output short-circuit condition,
during which the ADPL76030 retries, latches off, or
keeps running.
All registered trademarks and trademarks are the
property of their respective owners.
TYPICAL APPLICATION
Figure 1. 95% Efficient 48 W (12 V, 4 A,) 1.4 MHz Buck-Boost
Voltage Regulator
Figure 2. Efficiency vs. VIN
169kΩ
22nF
0.1µF
100V
×2
0.1µF
22µF
63V
383kΩ
4.7µF
100kΩ
0.47µF
100kΩ
2.2nF
10kΩ
110kΩ
10kΩ
0.1µF
16V
×2
133kΩ
100kΩ
0.1µF
1µF
1µF
1µH
1µF
10Ω
10Ω
22µF
16V
×2
22µF
16V
4.7µF
100V
×2
5mΩ
10mΩ
EN/UVLO
VREF
CTRL
PGOOD
BG2
BST2
TG2
INTVCC
TEST2
FB
VOUT
ISP
ISN
SYNC/SPRD
TEST1
VIN
6V TO 28V
CONTINUOUS
4V TO 52V
TRANSIENT
1.4MHz
ISMON
PGOOD
VOUT
12V
4A
LSP
LSN
SW1
SW2
BST1
TG1
BG1
VIN
ADPL76030
DNC
ISMON
SS
VC
RT
GND
SSFM OFF
SSFM ON
INTVCC
INTVCC
INTVCC
CONTINUOUS OPERATION WITH
HIGHEST COMPONENT TEMPERATURE
BELOW 90°C (TA = 25°C)
IOUT = 4A
IOUT = 2A
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
50
60
70
80
90
100


Similar Part No. - ADPL76030

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL76030EUFD#PBF AD-ADPL76030EUFD#PBF Datasheet
1Mb / 42P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev. A
ADPL76030 AD-ADPL76030_V01 Datasheet
1Mb / 42P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev. A
More results

Similar Description - ADPL76030

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
logo
Texas Instruments
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
logo
Linear Technology
LT8391EFE LINER-LT8391EFE Datasheet
753Kb / 8P
60V Synchronous 4-Switch Buck-Boost Led Controller with Spread Spectrum
LT8390 LINER-LT8390 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8390A LINER-LT8390A Datasheet
1Mb / 30P
60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Texas Instruments
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
logo
Analog Devices
DC2431A AD-DC2431A Datasheet
661Kb / 8P
High Power Synchronous 4-Switch Buck- Boost Regulator with Spread Spectrum
LT8392 AD-LT8392 Datasheet
2Mb / 28P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com