Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 12Page - Analog Devices ADPL76030 Datasheet HTML 13Page - Analog Devices ADPL76030 Datasheet HTML 14Page - Analog Devices ADPL76030 Datasheet HTML 15Page - Analog Devices ADPL76030 Datasheet HTML 16Page - Analog Devices ADPL76030 Datasheet HTML 17Page - Analog Devices ADPL76030 Datasheet HTML 18Page - Analog Devices ADPL76030 Datasheet HTML 19Page - Analog Devices ADPL76030 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
16 of 40
Figure 17. VREF Voltage vs. Temperature
Figure 18. VREF Voltage vs. VIN
Figure 19. VREF UVLO Threshold
Figure 20. EN/UVLO Enable Threshold
Figure 21. EN/UVLO Hysteresis Current
Figure 22. CTRL Latch-Off Threshold
TEMPERATURE (°C)
1.96
2.02
2.03
2.01
1.99
2.00
1.98
1.97
2.04
IVREF = 0mA
IVREF = 1mA
–50
50
–25
25
75
100
125
0
VIN (V)
1.96
2.02
2.03
2.01
1.99
2.00
1.98
1.97
2.04
IVREF = 100µA
0
10
20
30
40
50
60
TEMPERATURE (°C)
1.70
1.90
1.95
1.85
1.80
1.75
2.00
RISING
FALLING
–50
50
–25
25
75
100
125
0
TEMPERATURE (°C)
1.200
1.230
1.235
1.225
1.220
1.215
1.210
1.205
1.240
RISING
FALLING
–50
50
–25
25
75
100
125
0
TEMPERATURE (°C)
2.0
2.8
2.6
2.4
2.2
3.0
–50
50
–25
25
75
100
125
0
RISING
FALLING
TEMPERATURE (°C)
0.20
0.25
0.30
0.35
0.40
–50
50
–25
25
75
100
125
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com