Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 35 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 31Page - Analog Devices ADPL76030 Datasheet HTML 32Page - Analog Devices ADPL76030 Datasheet HTML 33Page - Analog Devices ADPL76030 Datasheet HTML 34Page - Analog Devices ADPL76030 Datasheet HTML 35Page - Analog Devices ADPL76030 Datasheet HTML 36Page - Analog Devices ADPL76030 Datasheet HTML 37Page - Analog Devices ADPL76030 Datasheet HTML 38Page - Analog Devices ADPL76030 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
35 of 40
With a 100 k resistor in the keep-running mode, the ADPL76030 continues switching normally and regulates the
current into ground. With a 499 k resistor in latch-off mode, the ADPL76030 stops switching until the EN/UVLO pin is
pulled low and high to restart. With no resistor in the hiccup mode, the ADPL76030 enters low duty cycle auto-retry
operation. The 1.25 µA pull-down current discharges the SS pin to 0.2 V and then 12.5 µA pull-up current charges the
SS pin up. If the output short-circuit condition is not removed when the SS pin reaches 1.75 V, the 1.25 µA pull-down
current turns on again, initiating a new hiccup cycle. This continues until the fault is removed. Once the output short-
circuit condition is removed, the output has a smooth short-circuit recovery due to soft-start.
Loop Compensation
The ADPL76030 uses an internal transconductance error amplifier, the output of which, VC, compensates the control
loop. The external inductor, output capacitor, and the compensation resistor and capacitor determine the loop
stability.
The inductor and output capacitor are chosen based on performance, size, and cost. The compensation resistor and
capacitor on the VC pin are set to optimize control loop response and stability. For a typical voltage regulator
application, a 2.2 nF compensation capacitor on the VC pin is adequate, and a series resistor should always be used
to increase the slew rate on the VC pin to maintain tighter output voltage regulation during fast transients on the
input supply of the converter.
Efficiency Considerations
The power efficiency of a switching regulator is equal to the output power divided by the input power times 100%. It
is often useful to analyze individual losses to determine what is limiting the efficiency and which change produces
the most improvement. Although all dissipative elements in circuits produce losses, four main sources account for
most losses in ADPL76030 circuits:
DC I2R losses. These arise from the resistances of the MOSFETs, sensing resistor, inductor, and PC board traces,
and cause the efficiency to drop at high output currents.
Transition loss. This loss arises from the brief amount of time switch A or switch C spends in the saturated region
during switch node transitions. It depends upon the input voltage, load current, driver strength, and MOSFET
capacitance, among other factors.
INTVCC current. This is the sum of the MOSFET driver and control currents.
CIN and COUT loss. The input capacitor has the difficult job of filtering the large RMS input current to the regulator
in the buck region. The output capacitor has the difficult job of filtering the large RMS output current in the boost
region. Both CIN and COUT are required to have low ESR to minimize the AC I2R loss, and sufficient capacitance to
prevent the RMS current from causing additional upstream losses in fuses or batteries.
Other losses. Schottky diode DB and DD are responsible for conduction losses during dead time and light load
conduction periods. Inductor core loss occurs predominately at light loads. Switch A causes reverse recovery
current loss in the buck region, and switch C causes reverse recovery current loss in the boost region. When
making adjustments to improve efficiency, the input current is the best indicator of changes in efficiency. If a
change is made and the input current decreases, then the efficiency has increased. If there is no change in the
input current, then there is no change in efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com