Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 14 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 10Page - Analog Devices ADPL76030 Datasheet HTML 11Page - Analog Devices ADPL76030 Datasheet HTML 12Page - Analog Devices ADPL76030 Datasheet HTML 13Page - Analog Devices ADPL76030 Datasheet HTML 14Page - Analog Devices ADPL76030 Datasheet HTML 15Page - Analog Devices ADPL76030 Datasheet HTML 16Page - Analog Devices ADPL76030 Datasheet HTML 17Page - Analog Devices ADPL76030 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
14 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Figure 5. Efficiency vs. Load Current (Buck Region)
Figure 6. Efficiency vs. Load Current (Buck Region)
Figure 7. Efficiency vs. Load Current (Boost Region)
Figure 8. Switching Waveforms (Buck Region)
Figure 9. Switching Waveforms (Buck-Boost Region)
Figure 10. Switching Waveforms (Boost Region)
FRONT PAGE APPLICATION
VIN = 24V, VOUT = 12V, fSW = 1.4MHz
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
40
50
60
70
80
90
100
FRONT PAGE APPLICATION
VIN = 12V, VOUT = 12V, fSW = 1.4MHz
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
40
50
60
70
80
90
100
FRONT PAGE APPLICATION
VIN = 8V, VOUT = 12V, fSW = 1.4MHz
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
40
50
60
70
80
90
100
200ns/DIV
FRONT PAGE APPLICATION
VIN = 24V, IOUT = 2A
VSW1
20V/DIV
VSW2
20V/DIV
IL
2A/DIV
VOUT
500mV/DIV
200ns/DIV
FRONT PAGE APPLICATION
VIN = 12V, IOUT = 2A
VSW1
20V/DIV
VSW2
20V/DIV
IL
2A/DIV
VOUT
500mV/DIV
200ns/DIV
FRONT PAGE APPLICATION
VIN = 8V, IOUT = 2A
VSW1
20V/DIV
VSW2
20V/DIV
IL
2A/DIV
VOUT
500mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com