Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 25 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 21Page - Analog Devices ADPL76030 Datasheet HTML 22Page - Analog Devices ADPL76030 Datasheet HTML 23Page - Analog Devices ADPL76030 Datasheet HTML 24Page - Analog Devices ADPL76030 Datasheet HTML 25Page - Analog Devices ADPL76030 Datasheet HTML 26Page - Analog Devices ADPL76030 Datasheet HTML 27Page - Analog Devices ADPL76030 Datasheet HTML 28Page - Analog Devices ADPL76030 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
25 of 40
APPLICATIONS INFORMATION
Figure 1 shows a typical ADPL76030 application circuit. This section serves as a guideline to select external
components for typical applications. The examples and equations in this section assume continuous conduction
mode, unless otherwise specified.
Switching Frequency Selection
The ADPL76030 uses a constant frequency control scheme between 600 kHz and 1.4 MHz. Selection of the switching
frequency is a trade-off between efficiency and component size. Low frequency operation improves efficiency by
reducing MOSFET switching losses, but requires larger inductor and capacitor values. For high power applications,
consider operating at lower frequencies to minimize MOSFET heating from switching losses. For low power
applications, consider operating at higher frequencies to minimize the total solution size.
In addition, the specific application also plays an important role in switching frequency selection. In a noise-sensitive
system, the switching frequency is usually selected to keep the switching noise out of a sensitive frequency band.
Switching Frequency Setting
The switching frequency of the ADPL76030 can be set by the internal oscillator. With the SYNC/SPRD pin pulled to
ground, the switching frequency is set by a resistor from the RT pin to ground. Table 5 shows RT resistor values for
common switching frequencies.
Table 5. RT Resistor Values for Common Switching Frequencies
fOSC (MHz)
RT (k)
0.6
267
0.8
191
1.0
147
1.2
118
1.4
97.6
Spread Spectrum Frequency Modulation
Switching regulators can be particularly troublesome for applications where electromagnetic interference (EMI) is a
concern. To improve the EMI performance, the ADPL76030 implements a triangle spread spectrum frequency
modulation scheme. With the SYNC/SPRD pin tied to INTVCC, the ADPL76030 starts to spread its switching frequency
25% above the internal oscillator frequency. Figure 43 and Figure 44 show the noise spectrum of the front-page
application when spread spectrum is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com