Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 32 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 28Page - Analog Devices ADPL76030 Datasheet HTML 29Page - Analog Devices ADPL76030 Datasheet HTML 30Page - Analog Devices ADPL76030 Datasheet HTML 31Page - Analog Devices ADPL76030 Datasheet HTML 32Page - Analog Devices ADPL76030 Datasheet HTML 33Page - Analog Devices ADPL76030 Datasheet HTML 34Page - Analog Devices ADPL76030 Datasheet HTML 35Page - Analog Devices ADPL76030 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
32 of 40
VIN(ULVO−) = 1.220 V ×
R1 + R2
R2
Figure 46 shows the implementation of external shutdown control while still using the UVLO function. The NMOS
grounds the EN/UVLO pin when turned on, and puts the ADPL76030 in shutdown with quiescent current less than 2
µA.
Figure 46.VIN Undervoltage Lockout (UVLO)
Programming Input or Output Current Limit
The input or output current limit can be programmed by placing an appropriate value current-sense resistor, RIS in
the input or output power path. The voltage drop across RIS is (Kelvin) sensed by the ISP and ISN pins. The CTRL pin
should be tied to a voltage higher than 1.35 V to get the full-scale 100 mV (typical) threshold across the sense resistor.
The CTRL pin can be used to reduce the current threshold to zero, although relative accuracy decreases with the
decreasing sense threshold. When the CTRL pin voltage is between 0.3 V and 1.15 V, the current limit is:
IIS(MAX) =
VCTRL − 0.25 V
10
× RIS
When VCTRLis between 1.15 V and 1.35 V, the current limit varies with VCTRL, but departs from the equation above by
an increasing amount as VCTRL increases. Ultimately, when VCTRL is larger than 1.35 V, the current limit no longer
varies. Table 6 lists the typical V(ISP-ISN) threshold vs. VCTRL.
Table 6. V(ISP-ISN) Threshold vs. VCTRL
VCTRL (V)
V(ISP-ISN) (mV)
1.15
90
1.20
94.5
1.25
98
1.30
99.5
1.35
100
When VCTRL is larger than 1.35 V, the current threshold is regulated to:
IIS(MAX) =
100 mV
RIS
The CTRL pin should not be left open (tie to VREF if not used). The CTRL pin can also be used in conjunction with a
thermistor to provide overtemperature protection for the output load, or with a resistor divider to VIN to reduce
output power and switching current when VIN is low.
The presence of a time varying differential voltage ripple signal across the ISP and ISN pins at the switching frequency
is expected. If the current-sense resistor RIS is placed between the power input and input bulk capacitor (Figure 47),
or between the output bulk capacitor and system output (Figure 49), a filter is typically not necessary. If the RIS is
placed between the input bulk capacitor and input decoupling capacitor (Figure 48), or between the output
ADPL76030
VIN
R1
R2
RUN/STOP
CONTROL
(OPTIONAL)
EN/UVLO
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com