Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 7Page - Analog Devices ADPL76030 Datasheet HTML 8Page - Analog Devices ADPL76030 Datasheet HTML 9Page - Analog Devices ADPL76030 Datasheet HTML 10Page - Analog Devices ADPL76030 Datasheet HTML 11Page - Analog Devices ADPL76030 Datasheet HTML 12Page - Analog Devices ADPL76030 Datasheet HTML 13Page - Analog Devices ADPL76030 Datasheet HTML 14Page - Analog Devices ADPL76030 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
11 of 40
9
VREF
Voltage Reference Output. The VREF pin provides an accurate 2 V reference capable of
supplying 1 mA current. Locally bypass this pin to ground with a 0.47 µF ceramic
capacitor
10
CTRL
Control Input for ISP/ISN Current-Sense Threshold. The CTRL pin is used to program
the ISP/ISN current limit:
������������������(������������������) =
������������������(������������������������������ − 0.25 ������, 1 ������)
10 × ������������������
The VCTRL can be set by an external voltage reference or a resistor divider from VREF to
ground. For 0.3 V ≤ VCTRL ≤ 1.15 V, the current-sense threshold linearly goes up from 5
mV to 90 mV. For VCTRL ≥ 1.35 V, the current-sense threshold is constant at 100 mV full
scale value. For 1.15 V ≤ VCTRL ≤ 1.35 V, the current-sense threshold smoothly transitions
from the linear function of VCTRL to the 100 mV constant value. Tie CTRL to VREF for the
100 mV full scale threshold. Force the pin below 0.3 V to stop switching.
11
ISP
Positive Terminal of the ISP/ISN Current-Sense Resistor (RIS). Ensure accurate current
sense with Kelvin connection.
12
ISN
Negative Terminal of the ISP/ISN Current-Sense Resistor (RIS). Ensure accurate current
sense with Kelvin connection.
13
ISMON
ISP/ISN Current-Sense Monitor Output. The ISMON pin generates a voltage equal to
ten times V(ISP-ISN) plus 0.25 V offset voltage. For parallel applications, tie the master
ADPL76030 ISMON pin to the slave ADPL76030 CTRL pin.
14
PGOOD
Power Good Open Drain Output. The PGOOD pin is pulled low when the FB pin is
within ±10% of the final regulation voltage. To function, the pin requires an external
pull-up resistor.
15
SS
Soft-Start Timer Setting. The SS pin is used to set the soft-start timer by connecting a
capacitor to ground. An internal 12.5 µA pull-up current charging the external SS
capacitor gradually ramps up FB regulation voltage. A 22 nF capacitor is recommended
on this pin. Any UVLO or thermal shutdown immediately pulls the SS pin to ground and
stops switching. Using a single resistor from SS to VREF, the ADPL76030 can be set in
three different fault protection modes during output short-circuit condition: hiccup
(no resistor), latch-off (499 kΩ), and keep-running (100 kΩ). See more details in the
Applications Information section.
16
FB
Voltage Loop Feedback Input. The FB pin is used for constant-voltage regulation and
output fault protection. The internal error amplifier with its output VC regulates VFB to
1.00 V through the DC/DC converter. During output short-circuit (VFB < 0.25 V)
condition, the part gets into one fault mode per customer setting. During an
overvoltage (VFB > 1.1V) condition, the part turns off all TG1, BG1, TG2, and BG2.
17
VC
Error Amplifier Output to Set Inductor Current Comparator Threshold. The VC pin is
used to compensate the control loop with an external RC network.
18
RT
Switching Frequency Setting. Connect a resistor from this pin to ground to set the
internal oscillator frequency from 600 kHz to 1.4 MHz.
19
SYNC/SPRD
Switching Frequency Synchronization or Spread Spectrum. Ground this pin for
switching at internal oscillator frequency. Apply a clock signal for external frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com