Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 29 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 25Page - Analog Devices ADPL76030 Datasheet HTML 26Page - Analog Devices ADPL76030 Datasheet HTML 27Page - Analog Devices ADPL76030 Datasheet HTML 28Page - Analog Devices ADPL76030 Datasheet HTML 29Page - Analog Devices ADPL76030 Datasheet HTML 30Page - Analog Devices ADPL76030 Datasheet HTML 31Page - Analog Devices ADPL76030 Datasheet HTML 32Page - Analog Devices ADPL76030 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
29 of 40
To select the power MOSFETs, the power dissipated by the device must be known. For switch A, the maximum power
dissipation happens in the boost region, when it remains on all the time. Its maximum power dissipation at maximum
output current is given by:
PA(BOOST) = (
IOUT(MAX) × VOUT
VIN
)
2
× ρT × RDS(ON)
Where, ρT is a normalization factor (unity at 25°C) accounting for the significant variation in on-resistance with
temperature, typically 0.4%/°C, as shown in Figure 45. For a maximum junction temperature of 125°C, using a value
of ρT = 1.5 is reasonable.
Switch B operates in the buck region as the synchronous rectifier. Its power dissipation at maximum output current
is given by:
PB(BUCK) = (
VIN − VOUT
VIN
)
× IOUT(MAX)
2 × ρT × R
DS(ON)
Switch C operates in the boost region as the control switch. Its power dissipation at maximum current is given by:
PC(BOOST) =
(VOUT − VIN) × VOUT
VIN
2
× IOUT(MAX)
2 × ρT × R
DS(ON) + k × VOUT 3 ×
IOUT(MAX)
VIN
× CRSS × f
Figure 45. Normalized RDS(ON) vs. Temperature
where, CRSS is usually specified by the MOSFET manufacturers. The constant k, which accounts for the loss caused by
reverse recovery current, is inversely proportional to the gate drive current and has an empirical value of 1.7.
For switch D, the maximum power dissipation happens in the boost region, when its duty cycle is higher than 50%.
Its maximum power dissipation at maximum output current is given by:
PD(BOOST) =
VOUT
VIN
× IOUT(MAX)
2 × ρT × R
DS(ON)
For the same output voltage and current, switch A has the highest power dissipation and switch B has the lowest
power dissipation, unless a short occurs at the output.
From a known power dissipated in the power MOSFET, its junction temperature can be obtained using the following
formula:
JUNCTION TEMPERATURE (°C)
1.0
1.5
0.5
0
2.0
–50
–25
0
25
50
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com