Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 15Page - Analog Devices ADPL76030 Datasheet HTML 16Page - Analog Devices ADPL76030 Datasheet HTML 17Page - Analog Devices ADPL76030 Datasheet HTML 18Page - Analog Devices ADPL76030 Datasheet HTML 19Page - Analog Devices ADPL76030 Datasheet HTML 20Page - Analog Devices ADPL76030 Datasheet HTML 21Page - Analog Devices ADPL76030 Datasheet HTML 22Page - Analog Devices ADPL76030 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
19 of 40
THEORY OF OPERATION
The ADPL76030 is a current-mode DC/DC controller that can regulate output voltage, and input or output current
from input voltage above, below, or equal to the output voltage. The ADI proprietary peak-buck, peak-boost current-
mode control scheme uses a single inductor current-sense resistor and provides smooth transition between buck
region, buck-boost region, and boost region. Its operation is best understood by seeing the BLOCK DIAGRAM.
Power Switch Control
Figure 35 shows a simplified diagram of how the four power switches A, B, C, and D are connected to the inductor L,
the current-sense resistor RSENSE, power input VIN, power output VOUT, and ground. The current-sense resistor RSENSE,
connected to the LSP and LSN pins, provides inductor current information for both peak current-mode control and
reverse current detection in buck region, buck-boost region, and boost region. Figure 36 shows the current-mode
control as a function of VIN/VOUT ratio, and Figure 37 shows the operation region as a function of VIN/ VOUT ratio. The
power switches are properly controlled to smoothly transition between modes and regions. Hysteresis is added to
prevent chattering between modes and regions.
There are four states:
(1) Peak-buck current-mode control in buck region.
(2) Peak-buck current-mode control in buck-boost region.
(3) Peak-boost current-mode control in buck-boost region.
(4) Peak-boost current-mode control in boost region.
The following sections give detailed description for each state with waveforms, in which the shoot-through
protection dead time between switches A and B, and between switches C and D are ignored for simplification.
Figure 35. Simplified Diagram of the Power Switches
Figure 36. Current Mode vs. VIN/VOUT Ratio
VOUT
D
A
SW1
SW2
TG2
BG2
TG1
BG1
B
C
L
VIN
RSENSE
PEAK-BUCK
PEAK-BOOST
VIN/VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com