Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 5 Page - Analog Devices

  ADPL76030 Datasheet HTML 1Page - Analog Devices ADPL76030 Datasheet HTML 2Page - Analog Devices ADPL76030 Datasheet HTML 3Page - Analog Devices ADPL76030 Datasheet HTML 4Page - Analog Devices ADPL76030 Datasheet HTML 5Page - Analog Devices ADPL76030 Datasheet HTML 6Page - Analog Devices ADPL76030 Datasheet HTML 7Page - Analog Devices ADPL76030 Datasheet HTML 8Page - Analog Devices ADPL76030 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
5 of 40
(Specifications are at TA = 25°C (Note 2). VIN = 12 V, VEN/UVLO = 1.5 V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
V(ISP-ISN) = 0 mV,
VISP = 12 V/0 V
−
40°C ≤ TJ ≤
125°C
0.20
0.25
0.30
ISP/ISN Input
Common Mode Range
−
40°C ≤ TJ ≤ 125°C
0
55
V
ISP/ISN Low Side to
High Side Switchover
Voltage
VISP = VISN
1.8
V
ISP/ISN High Side to
Low Side Switchover
Voltage
VISP= VISN
1.7
V
ISP Input Bias Current
VISP = VISN = 12 V
23
µA
VISP = VISN = 0 V
−
10
VEN/UVLO = 0 V, VISP = VISN = 12 V or 0 V
0
ISN Input Bias Current
VISP = VISN = 12 V
23
µA
VISP = VISN = 0 V
−
10
VEN/UVLO = 0 V, VISP = VISN = 12 V or 0 V
0
ISP/ISN Current
Regulation Amplifier
gm
2000
µs
FB Regulation Voltage
VC = 1.2V
−
40°C ≤ TJ ≤
125°C
0.98
1.00
1.02
V
FB Line Regulation
VIN = 4 V to 55 V
0.2
%
FB Load Regulation
02
%
FB Voltage Regulation
Amplifier gm
660
µS
FB Input Bias Current
FB in Regulation, Current Out of Pin
10
nA
VC Output Impedance
10
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com