Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 4 Page - Analog Devices

  ADPL76030 Datasheet HTML 1Page - Analog Devices ADPL76030 Datasheet HTML 2Page - Analog Devices ADPL76030 Datasheet HTML 3Page - Analog Devices ADPL76030 Datasheet HTML 4Page - Analog Devices ADPL76030 Datasheet HTML 5Page - Analog Devices ADPL76030 Datasheet HTML 6Page - Analog Devices ADPL76030 Datasheet HTML 7Page - Analog Devices ADPL76030 Datasheet HTML 8Page - Analog Devices ADPL76030 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
4 of 40
(Specifications are at TA = 25°C (Note 2). VIN = 12 V, VEN/UVLO = 1.5 V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
VREF Undervoltage
Lockout Threshold
Falling
1.84
V
VREF Undervoltage
Lockout Hysteresis
50
mV
Control Inputs/Outputs
EN/UVLO Shutdown
Threshold
−
40°C ≤ TJ ≤ 125°C
0.3
0.6
1.0
V
EN/UVLO Enable
Threshold
Falling
−
40°C ≤ TJ ≤
125°C
1.196 1.220 1.244
V
EN/UVLO Hysteresis
Current
VEN/UVLO = 0.3 V
–0.1
0
0.1
µA
VEN/UVLO = 1.1 V
2.1
2.5
2.9
VEN/UVLO = 1.3 V
–0.1
0
0.1
CTRL Input Bias
Current
VCTRL = 0.75 V, Current Out of Pin
0
20
50
nA
CTRL Latch-Off
Threshold
Falling
285
300
315
mV
CTRL Latch-Off
Hysteresis
25
mV
Error Amplifier
Full Scale Current
Regulation V(ISP-ISN)
VCTRL = 2 V, VISP =
12 V
−
40°C ≤ TJ ≤
125°C
96
100
104
mV
VCTRL= 2 V, VISP = 0
V
−
40°C ≤ TJ ≤
125°C
96
100
104
1/10th Current
Regulation V(ISP-ISN)
VCTRL = 0.35 V, VISP = 12 V
8
10
12
mV
VCTRL = 0.35 V, VISP = 0 V
8
10
12
ISMON Monitor
Output VISMON
V(ISP-ISN) = 100 mV,
VISP = 12 V/0 V
−
40°C ≤ TJ ≤
125°C
1.20
1.25
1.30
V
V(ISP-ISN) = 10 mV,
VISP= 12 V/0 V
−
40°C ≤ TJ ≤
125°C
0.30
0.35
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com