Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 22 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 18Page - Analog Devices ADPL76030 Datasheet HTML 19Page - Analog Devices ADPL76030 Datasheet HTML 20Page - Analog Devices ADPL76030 Datasheet HTML 21Page - Analog Devices ADPL76030 Datasheet HTML 22Page - Analog Devices ADPL76030 Datasheet HTML 23Page - Analog Devices ADPL76030 Datasheet HTML 24Page - Analog Devices ADPL76030 Datasheet HTML 25Page - Analog Devices ADPL76030 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
22 of 40
Figure 41. Peak-Boost in Boost Region (VIN << VOUT)
Main Control Loop
The ADPL76030 is a fixed frequency current-mode controller. The inductor current is sensed through the inductor
sense resistor between the LSP and LSN pins. The current-sense voltage is gained up by amplifier A1 and added to a
slope compensation ramp signal from the internal oscillator. The summing signal is then fed into the positive
terminals of the buck current comparator A3 and boost current comparator A4. The negative terminals of A3 and A4
are controlled by the voltage on the VC pin, which is the diode-OR of error amplifiers EA1 and EA2.
Depending on the state of the peak-buck, peak-boost current-mode control, either the buck logic or the boost logic
controls the four power switches so that either the FB voltage is regulated to 1 V or the current-sense voltage between
the ISP and ISN pins is regulated by the CTRL pin during normal operation. The gains of EA1 and EA2 are balanced to
ensure smooth transition between constant-voltage and constant-current operation with the same compensation
network.
Light Load Current Operation
At light load, the ADPL76030 runs either at full switching frequency discontinuous conduction mode or pulse-
skipping mode, where the switches are held off for multiple cycles (that is, skipping pulses) to maintain the regulation
and improve the efficiency. Both the buck and boost reverse current-sense thresholds are set to 1 mV (typical) so
that no reverse inductor current is allowed.
In the buck region, switch B is turned off whenever the buck reverse current threshold is triggered during (B + D)
phase. In the boost region, switch D is turned off whenever the boost reverse current threshold is triggered during (A
+ D) phase. In the buck-boost region, switch D is turned off whenever the boost reverse current threshold is triggered
during (A + D) phase, and both switches B and D are turned off whenever the buck reverse current threshold is
triggered during (B + D) phase.
Internal Charge Path
Each of the two top MOSFET drivers is biased from its floating bootstrap capacitor, which is normally recharged by
INTVCC through both the external and internal bootstrap diodes when the top MOSFET is turned off. When the
ADPL76030 operates exclusively in the buck or boost regions, one of the top MOSFETs is constantly on. An internal
charge path, from VOUT and BST2 to BST1, or from VIN and BST1 to BST2, charges the bootstrap capacitor to 4.6 V so
that the top MOSFET can be kept on.
A
B
C
100% ON
100% OFF
D
IL
A+D
A+C
A+D
A+C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com