Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 3 Page - Analog Devices

  ADPL76030 Datasheet HTML 1Page - Analog Devices ADPL76030 Datasheet HTML 2Page - Analog Devices ADPL76030 Datasheet HTML 3Page - Analog Devices ADPL76030 Datasheet HTML 4Page - Analog Devices ADPL76030 Datasheet HTML 5Page - Analog Devices ADPL76030 Datasheet HTML 6Page - Analog Devices ADPL76030 Datasheet HTML 7Page - Analog Devices ADPL76030 Datasheet HTML 8Page - Analog Devices ADPL76030 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
3 of 40
SPECIFICATIONS
Table 1. Electrical Characteristics
(Specifications are at TA = 25°C (Note 2). VIN = 12 V, VEN/UVLO = 1.5 V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Supply
VIN Operating Voltage
Range
−
40°C ≤ TJ ≤ 125°C
4
55
V
VIN Quiescent Current
VEN/UVLO = 0.3 V
1
2
µA
VEN/UVLO = 1.1 V
270
Not Switching
2.1
2.8
mA
VOUT Voltage Range
−
40°C ≤ TJ ≤ 125°C
0
55
V
VOUT Quiescent Current
VEN/UVLO = 0.3 V, VOUT = 12 V
0.1
0.5
µA
VEN/UVLO = 1.1 V, VOUT = 12 V
0.1
0.5
Not Switching, VOUT = 12 V
20
40
60
Linear Regulators
INTVCCRegulation
Voltage
IINTVCC = 20 mA
4.85
5.0
5.15
V
INTVCC Current Limit
VINTVCC = 4.5 V
80
145
190
mA
INTVCC Dropout
Voltage (VIN – INTVCC)
IINTVCC = 20 mA, VIN = 4 V
160
mV
INTVCC Undervoltage
Lockout Threshold
Falling
3.3
3.54
3.64
V
INTVCC Undervoltage
Lockout Hysteresis
0.24
V
VREF Regulation
Voltage
IVREF = 100 µA
−
40°C ≤ TJ ≤
125°C
1.96
2.00
2.04
V
VREFLoad Regulation
IVREF = 0 mA to 1 mA
0.4
%
VREF Line Regulation
IVREF= 100 µA, VIN = 4 V to 55 V
0.1
%
VREF Current Limit
VREF = 1.8 V
1.5
2.5
3.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com