Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 30 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 26Page - Analog Devices ADPL76030 Datasheet HTML 27Page - Analog Devices ADPL76030 Datasheet HTML 28Page - Analog Devices ADPL76030 Datasheet HTML 29Page - Analog Devices ADPL76030 Datasheet HTML 30Page - Analog Devices ADPL76030 Datasheet HTML 31Page - Analog Devices ADPL76030 Datasheet HTML 32Page - Analog Devices ADPL76030 Datasheet HTML 33Page - Analog Devices ADPL76030 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
30 of 40
TJ= TA+ P × RTH(JA)
The junction-to-ambient thermal resistance RTH(JA) includes the junction-to-case thermal resistance RTH(JC) and the
case-to-ambient thermal resistance RTH(CA). This value of TJ can then be compared to the original, assumed value used
in the iterative calculation process.
Optional Schottky Diode (D
B, DD) Selection
The optional Schottky diodes DB (in parallel with switch B) and DD (in parallel with switch D) conduct during the dead
time between the conduction of the power MOSFET switches. They are intended to prevent the body diode of
synchronous switches B and D from turning on and storing charge during the dead time. In particular, DB significantly
reduces reverse recovery current between switch B turn-off and switch A turn-on, and DD significantly reduces reverse
recovery current between switch D turn-off and switch C turn-on. They improve converter efficiency and reduce
switch voltage stress. For the diode to be effective, the inductance between it and the synchronous switch must be
as small as possible, mandating that these components be placed adjacently.
C
IN and COUT Selection
Input and output capacitance is necessary to suppress voltage ripple caused by discontinuous current moving in and
out the regulator. A parallel combination of capacitors is typically used to achieve high capacitance and low
equivalent series resistance (ESR). Dry tantalum, special polymer, aluminum electrolytic, and ceramic capacitors are
all available in surface mount packages.
Capacitors with low ESR and high ripple current ratings, such as OS-CON and POSCAP are also available. Ceramic
capacitors should be placed near the regulator input and output to suppress high frequency switching spikes.
Ceramic capacitors, of at least 1µF, should also be placed from VIN to GND and VOUT to GND as close to the ADPL76030
pins as possible. Due to their excellent low ESR characteristics, ceramic capacitors can significantly reduce input
ripple voltage and help reduce power loss in the higher ESR bulk capacitors. X5R or X7R dielectrics are preferred, as
these materials retain their capacitance over wide voltage and temperature ranges. Many ceramic capacitors,
particularly 0805 or 0603 case sizes, have greatly reduced capacitance at the desired operating voltage.
Input Capacitance C
IN
Discontinuous input current is highest in the buck region due to the switch A toggling on and off. Make sure that the
CIN capacitor network has low enough ESR and is sized to handle the maximum RMS current. In the buck region, the
input RMS current is given by:
IRMS ≈ IOUT(MAX) ×
VOUT
VIN
× √
VIN
VOUT
− 1
The formula has a maximum at VIN = 2VOUT, where IRMS = IOUT(MAX)/2. This simple worst-case condition is commonly used
for design because even significant deviations do not offer much relief.
Output Capacitance C
OUT
Discontinuous current shifts from the input to the output in the boost region. Make sure that the COUT capacitor
network is capable of reducing the output voltage ripple. The effects of ESR and the bulk capacitance must be
considered when choosing the right capacitor for a given output ripple voltage. The maximum steady state ripple
due to charging and discharging the bulk capacitance is given by:
∆VCAP(BOOST) =
IOUT(MAX) × (VOUT − VIN(MIN))
COUT × VOUT × f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com