Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 37 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 32Page - Analog Devices ADPL76030 Datasheet HTML 33Page - Analog Devices ADPL76030 Datasheet HTML 34Page - Analog Devices ADPL76030 Datasheet HTML 35Page - Analog Devices ADPL76030 Datasheet HTML 36Page - Analog Devices ADPL76030 Datasheet HTML 37Page - Analog Devices ADPL76030 Datasheet HTML 38Page - Analog Devices ADPL76030 Datasheet HTML 39Page - Analog Devices ADPL76030 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
37 of 40
ORDERING INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART
MARKING*
PACKAGE DESCRIPTION
TEMPERATURE
RANGE
ADPL76030AUFD#P
BF
ADPL76030AUFD#TR
PBF
76030
28-Lead (4 mm × 5 mm)
Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is
identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with
#TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability
requirements of automotive applications. These models are designated with a #W suffix. Only the automotive
grade products shown ADPL76030 are available for use in automotive applications. Contact your local Analog
Devices account representative for specific product ordering information and to obtain the specific automotive
reliability reports for these models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com