Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 27 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 23Page - Analog Devices ADPL76030 Datasheet HTML 24Page - Analog Devices ADPL76030 Datasheet HTML 25Page - Analog Devices ADPL76030 Datasheet HTML 26Page - Analog Devices ADPL76030 Datasheet HTML 27Page - Analog Devices ADPL76030 Datasheet HTML 28Page - Analog Devices ADPL76030 Datasheet HTML 29Page - Analog Devices ADPL76030 Datasheet HTML 30Page - Analog Devices ADPL76030 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
27 of 40
where:
∆IL% =
∆IL
IL(AVG)
f is the switching frequency.
VIN(MIN) is the minimum input voltage.
VIN(MAX) is the maximum input voltage.
VOUT is the output voltage.
IOUT(MAX)is the maximum output current.
Slope compensation provides stability in constant frequency current-mode control by preventing subharmonic
oscillations at certain duty cycles. The minimum inductance required for stability when duty cycles are larger than
50% can be calculated as:
L >
10 × VOUT × RSENSE
f
For high efficiency, choose an inductor with low core loss, such as ferrite. Also, the inductor should have low DC
resistance to reduce the I2R losses, and must be able to handle the peak inductor current without saturating. To
minimize radiated noise, use a shielded inductor.
R
SENSE Selection and Maximum Output Current
RSENSE is chosen based on the required output current. The duty cycle independent maximum current-sense
thresholds (50 mV in peak-buck and 50 mV in peak-boost) set the maximum inductor peak current in buck region,
buck-boost region, and boost region.
In boost region, the lowest maximum average load current happens at VIN(MIN)and can be calculated as:
IOUT(MAX_BOOST) = (
50 mV
RSENSE
−
∆IL(BOOST)
2
)
×
VIN(MIN)
VOUT
where, ∆IL(BOOST) is the peak-to-peak inductor ripple current in boost region, and can be calculated as:
∆IL(BOOST) =
VIN(MIN) × (VOUT − VIN(MIN))
f
× L × VOUT
In buck region, the lowest maximum average load current happens at VIN(MAX), and can be calculated as:
IOUT(MAX_BUCK) = (
50 mV
RSENSE
−
∆IL(BUCK)
2
)
where, ∆IL(BUCK)is peak-to-peak inductor ripple current in buck region and can be calculated as:
∆IL(BUCK) =
VOUT × (VIN(MAX) − VOUT)
f
× L × VIN(MAX)
The maximum current sense RSENSE in the boost region is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com