Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 21 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 17Page - Analog Devices ADPL76030 Datasheet HTML 18Page - Analog Devices ADPL76030 Datasheet HTML 19Page - Analog Devices ADPL76030 Datasheet HTML 20Page - Analog Devices ADPL76030 Datasheet HTML 21Page - Analog Devices ADPL76030 Datasheet HTML 22Page - Analog Devices ADPL76030 Datasheet HTML 23Page - Analog Devices ADPL76030 Datasheet HTML 24Page - Analog Devices ADPL76030 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
21 of 40
Figure 39. Peak-Buck in Buck-Boost Region (VIN ~> VOUT)
(3) Peak-Boost in Buck-Boost Region (V
IN)<~VOUT
When VIN is slightly lower than VOUT, the ADPL76030 uses peak-boost current-mode control in buck-boost region
(Figure 40). Switch A is always turned on for the beginning of the cycle and switch B is always turned on for the
remainder of the cycle. At the beginning of every cycle, switches A and C are turned on and the inductor current
ramps up. When the inductor current hits the peak boost current threshold commanded by VC voltage at boost
current comparator A4 during (A + C) phase, switch C is turned off and switch D is turned on for the rest of the cycle.
Figure 40. Peak-Boost in Buck-Boost Region (VIN<<VOUT)
(4) Peak-Boost in Boost Region (V
IN << VOUT)
When VIN is much lower than VOUT, the ADPL76030 uses peak-boost current-mode control in boost region (Figure 41).
Switch A is always on and switch B is always off. At the beginning of every cycle, switch C is turned on and the inductor
current ramps up. When the inductor current hits the peak boost current threshold commanded by VC voltage at
boost current comparator A4 during (A+C) phase, switch C is turned off and switch D is turned on for the rest of the
cycle. Switches C and D alternate, behaving like a typical synchronous boost regulator.
A
B
C
D
IL
A+D
A+C
B+D
A+D
A+C
B+D
A
B
C
D
IL
A+D
A+C
B+D
A+D
A+C
B+D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com