Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 2Page - Analog Devices ADPL76030 Datasheet HTML 3Page - Analog Devices ADPL76030 Datasheet HTML 4Page - Analog Devices ADPL76030 Datasheet HTML 5Page - Analog Devices ADPL76030 Datasheet HTML 6Page - Analog Devices ADPL76030 Datasheet HTML 7Page - Analog Devices ADPL76030 Datasheet HTML 8Page - Analog Devices ADPL76030 Datasheet HTML 9Page - Analog Devices ADPL76030 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
6 of 40
(Specifications are at TA = 25°C (Note 2). VIN = 12 V, VEN/UVLO = 1.5 V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Current Comparator
Maximum Current
Sense Threshold V(LSP-
LSN)
Buck, VFB = 0.8 V
−
40°C ≤ TJ ≤
125°C
34
50
65
mV
Boost, VFB= 0.8 V
−
40°C ≤ TJ ≤
125°C
38
50
60
LSP Pin Bias Current
VLSP = VLSN = 12 V
60
µA
LSN Pin Bias Current
VLSP = VLSN = 12 V
60
µA
Fault
FB Overvoltage
Threshold (VFB)
Rising
1.08
1.1
1.12
V
FB Overvoltage
Hysteresis
35
50
65
mV
FB Short Threshold
(VFB)
Falling
0.25
V
FB Short Hysteresis
Hysteresis
35
50
65
mV
ISP/ISN Over Current
Threshold V(ISP-ISN)
VISP = 12 V
750
mV
PGOOD
Upper
Threshold Offset from
VFB
Rising
8
10
12
%
PGOOD
Lower
Threshold Offset from
VFB
Falling
−
12
−
10
−
8
%
PGOOD
Pull-Down
Resistance
100
200
Ω
SS Hard Pull-Down
Resistance
VEN/UVLO = 1.1 V
100
200
Ω
SS Pull-Up Current
VFB = 0.4 V, VSS = 0 V
7.5
12.5
17.5
µA
SS Pull-Down Current
VFB = 0.1 V, VSS = 2 V
0.75
1.25
1.75
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com