Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPL76030
Description  55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL76030 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPL76030 Datasheet HTML 8Page - Analog Devices ADPL76030 Datasheet HTML 9Page - Analog Devices ADPL76030 Datasheet HTML 10Page - Analog Devices ADPL76030 Datasheet HTML 11Page - Analog Devices ADPL76030 Datasheet HTML 12Page - Analog Devices ADPL76030 Datasheet HTML 13Page - Analog Devices ADPL76030 Datasheet HTML 14Page - Analog Devices ADPL76030 Datasheet HTML 15Page - Analog Devices ADPL76030 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Data Sheet
ADPL76030
analog.com
Rev.0
12 of 40
synchronization. Tie to INTVCC for 25% triangle spread spectrum above internal
oscillator frequency
20
DNC
Do not Connect. This pin must be left floating for the part to operate properly.
21
VOUT
Output Supply. The VOUT pin must be tied to the power output to determine the buck,
buck-boost, or boost operation regions. Locally bypass this pin to ground with a
minimum 1 µF ceramic capacitor.
22
TG2
Boost Side Top Gate Drive. Drives the gate of boost side top N-Channel MOSFET with a
voltage swing from SW2 to BST2.
23
SW2
Boost Side Switch Node. The SW2 pin swings from a Schottky diode voltage drop
below ground to VOUT.
24
BST2
Boost Side Bootstrap Floating Driver Supply. The BST2 pin has an integrated bootstrap
Schottky diode from the INTVCC pin and requires an external bootstrap capacitor to the
SW2 pin. The BST2 pin swings from a diode voltage drop below INTVCC to (VOUT +
INTVCC).
25
BG2
Boost Side Bottom Gate Drive. Drives the gate of boost side bottom N-channel MOSFET
with a voltage swing from ground to INTVCC.
26
GND
(Exposed
Pad)
Ground. Solder the exposed pad directly to the ground plane.
27
BG1
Buck Side Bottom Gate Drive. Drives the gate of buck side bottom N-channel MOSFET
with a voltage swing from ground to INTVCC.
28
BST1
Buck Side Bootstrap Floating Driver Supply. The BST1 pin has an integrated bootstrap
Schottky diode from the INTVCC pin and requires an external bootstrap capacitor to the
SW1 pin. The BST1 pin swings from a diode voltage drop below INTVCC to (VIN + INTVCC).
29
SW1
Buck Side Switch Node. The SW1 pin swings from a Schottky diode voltage drop below
ground up to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com