Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 391 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 391 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 387Page - PMC-Sierra, Inc PM5313 Datasheet HTML 388Page - PMC-Sierra, Inc PM5313 Datasheet HTML 389Page - PMC-Sierra, Inc PM5313 Datasheet HTML 390Page - PMC-Sierra, Inc PM5313 Datasheet HTML 391Page - PMC-Sierra, Inc PM5313 Datasheet HTML 392Page - PMC-Sierra, Inc PM5313 Datasheet HTML 393Page - PMC-Sierra, Inc PM5313 Datasheet HTML 394Page - PMC-Sierra, Inc PM5313 Datasheet HTML 395Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
359
Register 01D0H: DPGM Generator Control #1
Bit
Type
Function
Default
Bit 7
R/W
GEN_A1A2_EN
0
Bit 6
R/W
GEN_INV_PRBS
0
Bit 5
R/W
GEN_AUTO
0
Bit 4
R/W
GEN_FERR
0
Bit 3
R/W
GEN_SIGE
0
Bit 2
R/W
GEN_FSENB
0
Bit 1
R/W
GEN_REGEN
0
Bit 0
R/W
GEN_EN
0
GEN_EN:
The Generator Enable (GEN_EN) bit enables the insertion of a pseudo
random bit sequence (PRBS) into the DROP Bus payload. When GEN_EN is
set high, the PRBS bytes will overwrite the processed payload data. When
GEN_EN is set low, the incoming payload is unaltered. This bit has not effect
in Autonomous Input Mode. When set, it is recommended to set the
GEN_SIGE bit in slave slices to detect DFP frame realigment. This mode can
not be used in the STS-12c configuration when in DTMODE.
GEN_REGEN:
The Generator Regenerate (GEN_REGEN) bit can be used to re-initialize the
generator LFSR and begin regenerating the pseudo random bit sequence
(PRBS) from the known reset state. The LFSR reset state is dependent on
the set sequence number. Setting this bit in a master generator will
automatically force all slaves to reset at the same time. This bit will clear itself
when the operation is complete. Upon a frame realignment on the DROP bus
the Generators must be regenerated.
GEN_FSENB:
The Generator Fixed Stuff Enable (GEN_FSENB) bit determines whether the
pseudo random bit sequence (PRBS) is inserted into the (STS-1/STM0) fixed
stuff bytes of the processed payload. When set to logic one, the PRBS is not
inserted into the fixed stuff bytes and the bytes are outputted unaltered.
When set to logic zero, the PRBS is inserted into the fixed stuff bytes. The
fixed stuff columns are columns 30 and 59 of the STS-1 payload.
GEN_FSEN should be disabled when using the generator in master/slave
configuration to support de-multiplexed concatenated payloads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com