Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 392 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 392 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 388Page - PMC-Sierra, Inc PM5313 Datasheet HTML 389Page - PMC-Sierra, Inc PM5313 Datasheet HTML 390Page - PMC-Sierra, Inc PM5313 Datasheet HTML 391Page - PMC-Sierra, Inc PM5313 Datasheet HTML 392Page - PMC-Sierra, Inc PM5313 Datasheet HTML 393Page - PMC-Sierra, Inc PM5313 Datasheet HTML 394Page - PMC-Sierra, Inc PM5313 Datasheet HTML 395Page - PMC-Sierra, Inc PM5313 Datasheet HTML 396Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
360
GEN_SIGE:
The Generator Signature Interrupt Enable (GEN_SIGE) bit allows an interrupt
to be asserted on INT when a signature verification mismatch occurs. When
GEN_SIGE is set high, a change in the signature verification state
(GEN_SIGV) will trigger an interrupt. When GEN_SIGE is set low, no interrupt
will be asserted. When in generator or autonomous mode, and for STS-3c
and STS-12c only, DFP frame realigment can be detected by setting this bit
for slave slices.
GEN_FERR:
The Generator Force Error (GEN_FERR) bit is used to force bit errors in the
inserted pseudo random bit sequence (PRBS). When logic one is written to
this bit, the MSB of the PRBS byte will be inverted, inducing a single bit error.
The register bit will clear itself when the operation is complete.
A second forced error must not be attempted for at least three GCLK clock
cycles after this bit has been read back to ‘0’.
GEN_AUTO:
The Generator Autonomous Mode (GEN_AUTO) bit places the Generator in
the Autonomous Input Mode. In this mode the payload frame is forced to an
active offset of zero. The generated frame will have all zeros TOH and POH
bytes. The H1, H2 pointer bytes are set to indicate an active SPE/VC offset of
zero, the SS bits are also both set to zero. The payload will be filled with a
PRBS. When a logic zero is written to this bit, the active offset is determined
by the received stream. When set, it is recommended to set the GEN_SIGE
bit in slave slices to detect DFP frame realigment. This mode can not be used
in the STS-12c configuration when in DTMODE. It can not also be used in
bypass mode, when the RESBYP bit of register 0n00H is set.
GEN_INV_PRBS:
The Generator Invert PRBS (GEN_INV_PRBS) bit is used to invert the
calculated PRBS byte before insertion into the payload. Setting this bit to logic
1 enables the logic inversion of all PRBS bits before insertion into the
payload. Setting this bit to logic 0 does not invert the generated PRBS.
GEN_A1A2_EN:
The Generator Framing A1/A2 Enable (GEN_A1A2_EN) bit enables the
insertion of the F6h and 28h bit pattern in the A1 and A2 respective byte
positions of the processed stream. Setting to logic 1 this bit enables the A1
and A2 byte insertion. Setting this bit to logic 0 passes through the input A1 &
A2 bytes unaltered. This feature has priority over the all zero A1/A2 generated
in Autonomous Input Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com