Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 393 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 393 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 389Page - PMC-Sierra, Inc PM5313 Datasheet HTML 390Page - PMC-Sierra, Inc PM5313 Datasheet HTML 391Page - PMC-Sierra, Inc PM5313 Datasheet HTML 392Page - PMC-Sierra, Inc PM5313 Datasheet HTML 393Page - PMC-Sierra, Inc PM5313 Datasheet HTML 394Page - PMC-Sierra, Inc PM5313 Datasheet HTML 395Page - PMC-Sierra, Inc PM5313 Datasheet HTML 396Page - PMC-Sierra, Inc PM5313 Datasheet HTML 397Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
361
Register 01D1H: DPGM Generator Control #2
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
GEN_H4_EN
0
Bit 0
R/W
Reserved
0
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
GEN_H4_EN:
The Generator multi-frame indicator H4 Enable (GEN_H4_EN) bit enables the
insertion of the H4 indicator into the H4 byte position of the processed
payload. Setting to logic 1 this bit enables the insertion of a valid H4 byte. The
inserted value of H4 is derived from the received stream H4 byte. This feature
is duplicated in the RTAL block. By default RTAL should be used to insert H4.
This bit should only be used when the RTAL FIFO is bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com