Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 398 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 398 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 394Page - PMC-Sierra, Inc PM5313 Datasheet HTML 395Page - PMC-Sierra, Inc PM5313 Datasheet HTML 396Page - PMC-Sierra, Inc PM5313 Datasheet HTML 397Page - PMC-Sierra, Inc PM5313 Datasheet HTML 398Page - PMC-Sierra, Inc PM5313 Datasheet HTML 399Page - PMC-Sierra, Inc PM5313 Datasheet HTML 400Page - PMC-Sierra, Inc PM5313 Datasheet HTML 401Page - PMC-Sierra, Inc PM5313 Datasheet HTML 402Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
366
disabled when using the monitor in master/slave configuration to support de-
multiplexed concatenated payloads.
MON_ERRE:
The Monitor Byte Error Interrupt Enable (MON_ERRE) bit allows an interrupt
to be asserted on INT when a PRBS byte error has been detected in the
incoming payload. When MON_ERRE is set high, a detected PRBS error in
the incoming data will trigger an interrupt. When MON_ERRE is set low, no
interrupt is generated.
MON_SYNCE:
The Monitor Synchronize Interrupt Enable (MON_ERRE) bit allows an
interrupt to be asserted on INT when change in the synchronization state of
the monitor occurs. When MON_SYNCE is set high, a change in the
synchronization state (MON_SYNCV) will trigger an interrupt. When
MON_SYNCE is set low, no interrupt is generated.
MON_INV_PRBS:
The Monitor Invert PRBS (MON_INV_PRBS) bit is used to invert the received
payload data before monitoring the data for a pseudo random bit sequence
(PRBS). When set to logic 1, the incoming payload PRBS bits are inverted
before being verified against the monitor expected PRBS. When set to logic
0, the incoming payload PRBS is not inverted and verified as is.
MON_AUTORESYNC:
The Monitor Automatic Resynchronization (MON_AUTORESYNC) bit enables
the automatic resynchronization of the monitor after detecting 16 consecutive
PRBS byte errors. Setting this bit to logic 1, enables the monitor to
automatically fall out of synchronization after 16 consecutive errors. Once out
of synchronization, the monitor will attempt to resynchronize to the incoming
PRBS and verify the synchronization with 32 consecutive PRBS matches.
Setting this bit to logic 0 disables the automatic resynchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com