Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 402 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 402 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 398Page - PMC-Sierra, Inc PM5313 Datasheet HTML 399Page - PMC-Sierra, Inc PM5313 Datasheet HTML 400Page - PMC-Sierra, Inc PM5313 Datasheet HTML 401Page - PMC-Sierra, Inc PM5313 Datasheet HTML 402Page - PMC-Sierra, Inc PM5313 Datasheet HTML 403Page - PMC-Sierra, Inc PM5313 Datasheet HTML 404Page - PMC-Sierra, Inc PM5313 Datasheet HTML 405Page - PMC-Sierra, Inc PM5313 Datasheet HTML 406Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
370
Register 01DBH: DPGM Monitor Status
Bit
Type
Function
Default
Bit 7
R
Unused
X
Bit 6
R
Unused
X
Bit 5
R
Unused
X
Bit 4
R
MON_ERRI
X
Bit 3
R
MON_SYNCI
X
Bit 2
R
MON_SYNCV
X
Bit 1
R
MONS_SIGI
X
Bit 0
R
MONS_SIGV
X
MON_SIGV:
The Monitor Signature Status (MON_SIGV) bit indicates if the partial pseudo
random sequence (PRBS) being monitored for is correctly aligned with the
partial PRBS being monitored for by the master generator. When MON_SIGV
is low, the signature verification is a match, and the calculated partial PRBS is
aligned with that of the master. When MON_SIGV is high, the signature
verification is a mismatch, and the calculated partial PRBS is not aligned with
that of the master. This bit does not identify if it is the master or the slave that
is out of sync, it only says that they are not in sync one relative to the other.
If non-alignment persists, a forced re-synchronization of all monitors
processing the concatenated stream should be initiated using the
MON_RESYNC register bit in the master generator. This bit is only valid in
slave generators.
MON_SIGI:
The Monitor Signature Interrupt Status (MON_SIGI) bit indicates a change in
the signature verification state (MON_SIGV) by a slave monitor. When
MON_SIGI is set high, the Monitor has either transition from the signature
match state to the signature mismatch state or vice versa. This bit is cleared
when this register is read. This bit is only valid in slave monitor.
MON_SYNCV:
The Monitor Synchronize Status (MON_SYNCV) is set high when the monitor
is out of synchronization. The monitor falls out of synchronization after
detecting 16 consecutive mismatched PRBS bytes or being forced to re-
synchronize. A forced re-synchronize may be due to setting the
MON_RESYNC register bit or a master generator. Once out of
synchronization, the Synchronized State can only be achieved after re-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com