Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 400 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 400 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 396Page - PMC-Sierra, Inc PM5313 Datasheet HTML 397Page - PMC-Sierra, Inc PM5313 Datasheet HTML 398Page - PMC-Sierra, Inc PM5313 Datasheet HTML 399Page - PMC-Sierra, Inc PM5313 Datasheet HTML 400Page - PMC-Sierra, Inc PM5313 Datasheet HTML 401Page - PMC-Sierra, Inc PM5313 Datasheet HTML 402Page - PMC-Sierra, Inc PM5313 Datasheet HTML 403Page - PMC-Sierra, Inc PM5313 Datasheet HTML 404Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
368
Register 01DAH: DPGM Monitor Concatenate Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
MON_SEQ[3]
1
Bit 4
R/W
MON_SEQ[2]
1
Bit 3
R/W
MON_SEQ[1]
1
Bit 2
R/W
MON_SEQ[0]
1
Bit 1
R/W
MON_GMODE[1]
1
Bit 0
R/W
MON_GMODE[0]
1
MON_GMODE[1:0]:
The MON_GMODE[1:0] bits control the operational mode of the pseudo
random sequence monitor as summarized in the table below. When
MON_GMODE[1:0] is set to 'b00, the monitor expects the complete sequence
for an STS-1 (STM-0/AU3) stream. When MON_GMODE[1:0] is set to 'b01,
the monitor expects one third or 1 in 3 bytes of the complete sequence in an
STS-1 (STM-0/AU3) equivalent of an STS-3c (STM-1/AU4) stream. When
MON_GMODE[1:0] is set to 'b10, the monitor expects one twelfth or 1 in 12
bytes of the complete sequence in an STS-1 (STM-0/AU3) equivalent of an
STS-12c (STM-4-4c) stream.
MON_GMODE
[1:0]
Monitor Gap Mode Description
00
1in1 Gap Mode. Monitor monitors for a complete PRBS.
01
1in3 Gap Mode. Monitor will monitor for the presence of
every 3
rd PRBS byte. The Monitor will also monitor for
every 2
nd PRBS byte after the POH columns.
10
1in12 Gap Mode. Monitor will monitor for the presence
of every 12
th PRBS byte. The Monitor will also monitor
for every 8
th PRBS byte after the POH and fixed stuff
columns.
11
Reserved
MON_SEQ[3:0]
The Monitor Sequence (MON_SEQ[3:0]) sets the Monitor in master or slave
mode and is used to identify the multiplexed order of the monitored data in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com