Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 418 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 418 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 414Page - PMC-Sierra, Inc PM5313 Datasheet HTML 415Page - PMC-Sierra, Inc PM5313 Datasheet HTML 416Page - PMC-Sierra, Inc PM5313 Datasheet HTML 417Page - PMC-Sierra, Inc PM5313 Datasheet HTML 418Page - PMC-Sierra, Inc PM5313 Datasheet HTML 419Page - PMC-Sierra, Inc PM5313 Datasheet HTML 420Page - PMC-Sierra, Inc PM5313 Datasheet HTML 421Page - PMC-Sierra, Inc PM5313 Datasheet HTML 422Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
386
RESBYP:
When set high, the RESBYP bit forces the elastic store (RTAL) in the Receive
Path Processing Slices to be bypassed. The DROP bus stream will be
synchronous to the receive stream. The DCK input must be connected to the
PGMRCLK output. The transport frame on the DROP bus will be locked to the
receive stream and the DFP input is ignored. Once in bypass mode, the V1
pulse will always be outputted on the DROP bus and the autonomous mode
of the DPGM is no longer functional. See section 11.7.3.3
DTMODE:
The DROP Telecom bus mode select (DTMODE) bit is used to select the
operation of the DROP Bus system side interface when Telecom mode is
enabled. When the DTMODE bit is set low, the single (STM-4) 77.76 MHz
byte Telecom DROP Bus Interface is supported. When the DTMODE bit is set
high, the four (STM-1) 19.44 MHz byte Telecom DROP Bus Interface is
supported.. Note that when in 19.44 MHz telecombus mode, drop bus DLL
00A4H override bit should be set to 1
DMODE:[1:0]
The DROP bus mode select (DMODE[1:0]) bits are used to select the
operation of the DROP Bus system side interface. The interface may be
configured as Telecom mode only, DS3 mode only or Dual Telecom and DS3
mode. In Telecom mode, only the Telecom DROP bus interface is active. The
DROP DS3 blocks are held in reset and the DS3 interface output signals are
forced low. In DS3 mode, only the DS3 DROP bus interface is active. The
DS3 Telecom blocks are held in reset and the Telecom interface output
signals are forced low. In Dual mode, both the DROP Telecom and DS3
interfaces are enabled and all DROP blocks are functioning. The DROP bus
mode may also be set via the DMODE[1:0] inputs. The DMODE[1:0] register
bits override the mode set via the DMODE[1:0] input pins. By default the input
pins are used to set the DROP bus mode.
DMODE[1:0]
Selected DROP
Mode
01
Telecom Mode
10
DS3 Mode
11
Dual Mode
00
Mode selected via
DMODE[1:0] inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com