Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 419 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 419 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 415Page - PMC-Sierra, Inc PM5313 Datasheet HTML 416Page - PMC-Sierra, Inc PM5313 Datasheet HTML 417Page - PMC-Sierra, Inc PM5313 Datasheet HTML 418Page - PMC-Sierra, Inc PM5313 Datasheet HTML 419Page - PMC-Sierra, Inc PM5313 Datasheet HTML 420Page - PMC-Sierra, Inc PM5313 Datasheet HTML 421Page - PMC-Sierra, Inc PM5313 Datasheet HTML 422Page - PMC-Sierra, Inc PM5313 Datasheet HTML 423Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
387
Register 1030H: SPECTRA-622 ADD Bus Configuration
Bit
Type
Function
Default
Bit 7
R/W
AFPEN
0
Bit 6
R/W
ATMODE
0
Bit 5
R/W
TESBYP
0
Bit 4
R/W
ATSICLK_RST
0
Bit 3
R/W
ATSICLK_ISOLA
TE
0
Bit 2
R/W
ODDPA
0
Bit 1
R/W
INCAPL
0
Bit 0
R/W
INCAC1J1V1
0
This register allows the ADD bus of the SPECTRA-622 to be configured.
INCAC1J1V1:
The INCAC1J1V1 bit controls whether the composite timing signals
(AC1J1V1[4:1]) in the ADD buses are used to calculate the corresponding
parity signals (ADP[4:1]). When INCAC1J1V1 is set high, the parity signal set
includes the AC1J1V1[4:1] signals. When INCAC1J1V1 is set low, parity is
calculated without regard to the state of the corresponding AC1J1V1 signal.
INCAPL:
The INCAPL bit controls whether the payload active signals (APL[4:1]) in the
ADD busses are used to calculate the corresponding parity signals (ADP[4:1])
and whether the payload active signals (APL[4:1]) in the ADD busses are
included in the condition to set high the ACA[4:1] activity monitors. When
INCAPL is set high, the parity signal set includes the APL[4:1] signals and the
condition to set the ACA[4:1] activity monitors bits includes these signals.
When INCAPL is set low, parity is calculated without regard to the state of the
corresponding APL signal and the activity monitor will be set high even when
the APL signals do not toggle.
ODDPA:
The ODDPA bit controls the parity expected on the ADD bus parity signal
(ADP[4:1]). When set high, the ODDPA bit configures the ADD bus parity to
be odd. When set low, the ODDPA bit configures the ADD bus parity to be
even.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com