Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 420 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 420 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 416Page - PMC-Sierra, Inc PM5313 Datasheet HTML 417Page - PMC-Sierra, Inc PM5313 Datasheet HTML 418Page - PMC-Sierra, Inc PM5313 Datasheet HTML 419Page - PMC-Sierra, Inc PM5313 Datasheet HTML 420Page - PMC-Sierra, Inc PM5313 Datasheet HTML 421Page - PMC-Sierra, Inc PM5313 Datasheet HTML 422Page - PMC-Sierra, Inc PM5313 Datasheet HTML 423Page - PMC-Sierra, Inc PM5313 Datasheet HTML 424Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
388
ATSICLK_ISOLATE
The ATSI_ISOLATE bit is used to disable the realignment by AC1J1V1/AFP[1]
ADD BUS pin on the generated system side clocks of the 12 TPPS slices in
the ADD TSI. This bit should only be used when all 12 TPPS slices are
placed in Autonomous mode and the AC1J1V1/AFP[1] (and/or APL) ADD
BUS interface can not maintain a constant frame alignment (C1 or FP moving
around). Programming this bit to logic one will mask low AC1J1V1/AFP[1] pin
and the generated clocks will fly-wheel on the last C1 or FP received on
AC1J1V1/AFP[1]. The data from the ADD Bus can thus not be analyzed or
monitored. Programming this bit to logic zero has not affect. This bit is mainly
for diagnostic purpose and to let the user isolate the 12 TPPS slices from the
ADD bus.
ATSICLK_RST
The ATSICLK_RST bit is used to force a constant realignment of the system
side clocks generated in the TPPS's. This bit can be used in conjunction with
ATSICLK_ISOLATE to force the alignment of the generated clocks. When
programmed high the generated clocks are disabled and realign. Upon
programming the bit to logic zero, the generated clocks will start again in a
known sequence with slice #1 clocked first.
TESBYP:
When set high, the TESBYP bit forces the elastic store (TTAL) in the Transmit
Path Processing Slice (TPPS) to be bypassed. The transmit stream will be
synchronous to the ADD bus. The ACK input must be connected to the
PGMTCLK output. The transport frame in the transmit stream will be locked to
that on the ADD bus and the TFPI input is ignored. See section 11.8.4.3. After
a reset this bit or the TCLKEN bit of register 0004H needs to be set for a few
clock cycle to activate the TX line interface.
ATMODE:
The ADD Telecom bus mode select (ATMODE) bit is used to select the
operation of the ADD Bus system side interface when Telecom mode is
enabled. When the ATMODE bit is set low, the single (STM-4) 77.76 MHz
byte Telecom ADD Bus Interface is supported. When the AMTODE bit is set
high, the four (STM-1) 19.44 MHz byte Telecom ADD Bus Interface is
supported. In this mode, all the four AC1J1V1[4:1]/AFP[4:1] must be aligned
AFPEN:
The ADD bus reference frame position input enable (AFPEN) bit controls the
interpretation of the AC1J1V1[4:1]/AFP[4:1] input signals. When set high, the
AC1J1V1[4:1]/AFP[4:1] signals provide the ADD bus reference frame position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com