Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 423 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 423 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 419Page - PMC-Sierra, Inc PM5313 Datasheet HTML 420Page - PMC-Sierra, Inc PM5313 Datasheet HTML 421Page - PMC-Sierra, Inc PM5313 Datasheet HTML 422Page - PMC-Sierra, Inc PM5313 Datasheet HTML 423Page - PMC-Sierra, Inc PM5313 Datasheet HTML 424Page - PMC-Sierra, Inc PM5313 Datasheet HTML 425Page - PMC-Sierra, Inc PM5313 Datasheet HTML 426Page - PMC-Sierra, Inc PM5313 Datasheet HTML 427Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
391
Register 1034H: SPECTRA-622 ADD Bus Parity Interrupt Status
Bit
Type
Function
Default
Bit 7
R
API1
X
Bit 6
R
API2
X
Bit 5
R
API3
X
Bit 4
R
API4
X
Bit 3
R
Reserved
X
Bit 2
R
Reserved
X
Bit 1
R
Reserved
X
Bit 0
R
Reserved
X
This register reports the parity interrupt status of the SPECTRA-622 Telecom
ADD buses #1 (AD[7:0]), #2 (AD[15:8]), #3 (AD[23:16]) and #4 (AD[31:24]).
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
APIn:
The ADD bus parity interrupt status (APIn) bit reports parity error events
detected at the ADD bus #n. APIn is set high on detection of a parity error
event on the ADD bus #n. This bit and the interrupt are cleared when this
register is read. The occurrence of parity error events is an indication of mis-
configured parity generation/detection or actual hardware problem at the ADD
bus input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com