Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 427 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 427 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 423Page - PMC-Sierra, Inc PM5313 Datasheet HTML 424Page - PMC-Sierra, Inc PM5313 Datasheet HTML 425Page - PMC-Sierra, Inc PM5313 Datasheet HTML 426Page - PMC-Sierra, Inc PM5313 Datasheet HTML 427Page - PMC-Sierra, Inc PM5313 Datasheet HTML 428Page - PMC-Sierra, Inc PM5313 Datasheet HTML 429Page - PMC-Sierra, Inc PM5313 Datasheet HTML 430Page - PMC-Sierra, Inc PM5313 Datasheet HTML 431Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
395
Register 1062H: SPECTRA-622 ADD Bus STM-1 #2 AU3 #1 Select
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R/W
STM1SEL[1]
0
Bit 2
R/W
STM1SEL[0]
1
Bit 1
R/W
AU3SEL[1]
0
Bit 0
R/W
AU3SEL[0]
0
This is a configuration register for the Time-Slot Interchange operation on the
Telecom ADD bus. This register selects an STS-1 (STM-0/AU3) or equivalent on
the ADD bus for insertion in time-slot STM-1 #2 AU3 #1 of the transmit stream.
The default values of STM1SEL[1:0] and AU3SEL[1:0] for registers 1061H to
106CH enable a straight-through connection of the ADD bus to the transmit
stream.
AU3SEL[1:0]:
The AU3SEL[1:0] bits select one of three STS-1 (STM-0/AU3) streams on the
STS-3 (STM-1) ADD bus stream selected by the STM1SEL[1:0] bits. The
AU3SEL[1:0] options are summarized in the table below.
AU3SEL[1:0]
AU3 receive stream #
00
STS-1 (STM-0/AU3) #1
01
STS-1 (STM-0/AU3) #2
10
STS-1 (STM-0/AU3) #3
11
Reserved
STM1SEL[1:0]:
The STM1SEL[1:0] bits select the STS-3 (STM-1) receive stream as
summarized in the table below.
STM1SEL[1:0]
STM-1 receive stream #
00
STS-3 (STM-1) #1
01
STS-3 (STM-1) #2
10
STS-3 (STM-1) #3
11
STS-3 (STM-1) #4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com